Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9300 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 42Page - STMicroelectronics L9300 Datasheet HTML 43Page - STMicroelectronics L9300 Datasheet HTML 44Page - STMicroelectronics L9300 Datasheet HTML 45Page - STMicroelectronics L9300 Datasheet HTML 46Page - STMicroelectronics L9300 Datasheet HTML 47Page - STMicroelectronics L9300 Datasheet HTML 48Page - STMicroelectronics L9300 Datasheet HTML 49Page - STMicroelectronics L9300 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 182 page
background image
9.1.3
Reset outputs error handling
Table 18. Reset outputs type of error
Type of error
Detection
condition
Action
Clear SPI
flag
Restart condition
RES1 output low
ON state
SPI register reset, as described in SPI register
map
N.D.
Automatic after fault disappears, SPI
configuration to be reinitialized
RES1 input low
ON state
SPI register reset, as described in SPI register
map, set RES1 to digital SPI bit (16) in
SERVFLT register
On read
Automatic after fault disappears, SPI
configuration to be reinitialized
RES2 output low
ON state
No action
N.D.
N.A.
9.2
Ground Loss
9.2.1
Ground Loss Functional Description
The device provides the ground loss detection for GND and GND_A ground pins.
At device start-up, once internal logic is out of POR state, two dedicated comparators monitor the voltage of each
ground pin using the other ground pin as 0 V reference. If the voltage of at least one of the two ground pins
is higher than Ground Loss threshold for a time longer than Ground Loss filter time then Ground Loss fault is
detected.
In case of Ground Loss detection the logic takes the following actions:
•
Bit19 (Ground Loss) in Service Fault register is set “high”
•
All the device outputs (see Functional Table) are turned off
The device is forced in this condition until the ground loss fault is present. If the fault is removed and both
the voltages on GND and GND_A pins become lower than Ground Loss threshold then all the outputs are
automatically restarted by the logic.
9.2.2
Ground Loss electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noticed. All voltages refer to GND pin.
Table 19. Ground Loss electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
GND Monitors
GND_loss_th
Ground Loss threshold
100
200
350
mV
GND
GND_A_loss_th
Digital Ground Loss threshold
100
200
350
mV
GND_A
GND_loss_filt
Ground Loss filter time
8
16
24
µs
GND, GND_A
9.2.3
Ground Loss error handling
Table 20. Ground Loss type of error
Type of error
Detection
condition
Action
Clear SPI flag
Restart condition
GND_loss
ON state
Outputs OFF as in Functional Table, set Ground Loss bit
(19) in SPI SERVFLT register
On read
Automatic after fault
disappears
GND_A_loss
ON state
Outputs OFF as in Functional Table, set Ground Loss bit
(19) in SPI SERVFLT register
On read
Automatic after fault
disappears
L9300
Ground Loss
DS12258 - Rev 4
page 46/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com