Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9300 Datasheet(PDF) 32 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 28Page - STMicroelectronics L9300 Datasheet HTML 29Page - STMicroelectronics L9300 Datasheet HTML 30Page - STMicroelectronics L9300 Datasheet HTML 31Page - STMicroelectronics L9300 Datasheet HTML 32Page - STMicroelectronics L9300 Datasheet HTML 33Page - STMicroelectronics L9300 Datasheet HTML 34Page - STMicroelectronics L9300 Datasheet HTML 35Page - STMicroelectronics L9300 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 182 page
background image
A dedicated disable SPI bit TRKn_DIS (default condition: track enabled) is present and it can be used to avoid
thermal on/off oscillations in case the short on output pin cannot be removed.
Figure 14. TRK regulators
TRK1
X
VBATP
Control
loop
X
Driver
TRK1
TRK_SEL
VDD1
GADG1107170903PS
8.5.2
WSI configuration
Functional description
If TRK_SEL pin is grounded, the device provides 4-wheel speed sensor interfaces on TRKn pins: the status of
each sensor is reported to the microcontroller via the SPI. The input signal of an active sensor is a rectangular
signal with variable pulse width and output currents of 2 levels (7/14 mA) or 3 levels (7/14/28 mA) depending on
the sensor itself. The sensor types are standard active 2-level wheel speed sensors (7/14 mA).
A simplified block diagram of the interface is shown below. The interface supply is given on the VDD1 pin. The
circuitry consists of a power interface that mirrors current flowing in the external sensor and transmits this current
information to the decoder, which produces a digital value for each remote sensor channel. Decoded data are
then output through the Remote Sensor Data Registers (WSIRSDRx). Received signals can be processed to
the corresponding discrete logic output pin DOUT1-DOUT4. The power interface also contains error detection
circuitry; when a fault is detected, the error code is stored in a global SPI data buffer in the Remote Sensor Data
Registers (WSIRSDRx).
L9300
TRK 1, 2, 3, 4
DS12258 - Rev 4
page 32/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com