Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9300 Datasheet(PDF) 90 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 86Page - STMicroelectronics L9300 Datasheet HTML 87Page - STMicroelectronics L9300 Datasheet HTML 88Page - STMicroelectronics L9300 Datasheet HTML 89Page - STMicroelectronics L9300 Datasheet HTML 90Page - STMicroelectronics L9300 Datasheet HTML 91Page - STMicroelectronics L9300 Datasheet HTML 92Page - STMicroelectronics L9300 Datasheet HTML 93Page - STMicroelectronics L9300 Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 182 page
background image
In this way, actuation of loads can be performed only if the WD has been started and a certain number of good
Request/Answer has been exchanged.
In any case, WD_CNT will be saturated when WD_CNT = "1111".
When the WD algorithm is not active (FSM is in IDLE) the WD_CNT = WD_th_low.
Figure 56. Driver actuation and WD_RTS versus WD_CNT value
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
WD_RST = ON
Driver = OFF
WD_RST = OFF
Driver = OFF
WD_RST = OFF)
Driver = ON
(Previous state was:
WD_RST = OFF
Driver = ON
WD_RST = OFF
Driver = ON
WD_RST = OFF)
Driver = OFF
(Previous state was:
WD_RST = OFF
Driver = OFF
WD_th_low
WD_th_high
GADG0408171226PS
All the status information is stored onto the WD_Status_reg, readable through SPI. This register will be cleaned
as consequence of each read operation.
In case a WD_RST is generated, the ASIC restarts the WD evolution state machine in IDLE mode waiting for the
seed request from micro through SPI. WD configuration registers are preserved but can be modified by the micro
before starting the WD mechanism.
In the same way, also the status register, WD_Status_reg, is preserved and can be read through SPI.
14.1.3
Out Of Sequence error cases
Two cases of unexpected errors have been identified:
•
If a request of a new seed arrives to the ASIC before the previous answer received, the ASIC serves the
new request, sending the old Seed decreasing the value of WD_CNT by the amount WD_cnt_bad_step.
•
If an answer arrives to the ASIC before a new request and after another answer, the ASIC ignores this
answer but it decreases the value of WD_CNT by the amount WD_cnt_bad_step.
L9300
Q&A watchdog functional description
DS12258 - Rev 4
page 90/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com