Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9300 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 22Page - STMicroelectronics L9300 Datasheet HTML 23Page - STMicroelectronics L9300 Datasheet HTML 24Page - STMicroelectronics L9300 Datasheet HTML 25Page - STMicroelectronics L9300 Datasheet HTML 26Page - STMicroelectronics L9300 Datasheet HTML 27Page - STMicroelectronics L9300 Datasheet HTML 28Page - STMicroelectronics L9300 Datasheet HTML 29Page - STMicroelectronics L9300 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 182 page
background image
8.2.3
VDD2 error handling
Table 9. VDD2 type of errors
Type of error
Detection
condition
Action
Clear SPI
flag
Restart condition
VDD2 out of regulation
ON state
Set VDD2_OUT_OF_REGULATION SPI flag (4) in TRK-CAN
FAULT register
On read
N.A
VDD2 reverse current
ON state
VDD2 internal path to VDD2_SUP open,
VDD2_REVERSE_CURRENT SPI flag (6) latched in TRK-
CANFAULT register
On read
Automatic restart
when fault
disappears.
VDD2 overtemperature
ON state
No action if out of regulation is not triggered; output disabled,
and T_SD_TRK (5)SPI fault bit latched otherwise in TRK-CAN
FAULT register
On read
Automatic restart
with slope control
after OT fault
disappears.
8.3
VDD3
8.3.1
VDD3 functional description
VDD3 is a linear regulator using external N-channel transistor as output stage to deliver current to the load and
reduce ASIC power dissipation. The regulated voltage is configurable through the external feedback resistors.
Dedicated monitors are present on the VDD3_SEL pin to detect VDD3 undervoltage and overvoltage conditions;
voltage monitors are not masked during power-up phase.
Figure 12. VDD3 linear regulator with external N-ch FET
X
VCP
Driver
loop
Control
Linear
VDD3
R3dw
R3up
X
VDRAIN
VDD3_SEL
VDD3
VDD3_G
GADG1007171200PS
VDRAIN can be connected to either VBATP or, in order to limit power consumption, to a pre-regulated voltage.
8.3.2
VDD3 electrical characteristics
5.5 V ≤ VBATP ≤ 19 V; 5.5 V ≤ VDRAIN ≤ 19 V; -40 °C ≤ Tj ≤ 175 °C unless otherwise noticed. All voltages refer
to GND pin. STD20NF06L used as test reference for external MOS.
L9300
VDD3
DS12258 - Rev 4
page 26/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com