Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9300 Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 16Page - STMicroelectronics L9300 Datasheet HTML 17Page - STMicroelectronics L9300 Datasheet HTML 18Page - STMicroelectronics L9300 Datasheet HTML 19Page - STMicroelectronics L9300 Datasheet HTML 20Page - STMicroelectronics L9300 Datasheet HTML 21Page - STMicroelectronics L9300 Datasheet HTML 22Page - STMicroelectronics L9300 Datasheet HTML 23Page - STMicroelectronics L9300 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 182 page
background image
8
Power supply
8.1
VDD1
8.1.1
VDD1 functional description
VDD1 is a configurable buck regulator with internal high–side MOS and external recirculation diode. The
regulator, depending on the status of the VDD1_SEL pin, can provide two different output voltages: if the pin
is floating, VDD1 selected output voltage is 6.5 V, while if it is connected to GND, the output selected voltage is 5
V.
On VDD1_SEL an internal 500 kΩ pull up resistor is present and the pin is latched at power-up, after internal
POR release, to avoid unwanted changes in VDD1 output voltage during operation. The echo of latched value is
available in the SPI registers.
The switching frequency of the buck PWM is around 470 kHz.
The VDD1 regulator has an inductor’s peak current limitation circuitry, as a protection in case of output short to
GND. When the output stage sensed current is higher than current limitation value, the output, after min duty
cycle has expired, is switched off until next PWM rising edge; should the overcurrent condition still be present, the
regulator is forced to work at minimum duty cycle causing a drop in the output voltage.
The status of the current limitation circuit is internally monitored to detect when the regulator is not able to provide
the target output voltage: in case the circuit is triggered, VDD1 OVER CURRENT flag is set in the SPI registers.
The fault condition may be triggered at low battery as well, even if load current is within the specified range (in
this case, the VDD1 OVER CURRENT bit shall be intended as a generic Out of Regulation diagnostic). Under this
condition, the regulator shall operate at 100% duty cycle to minimize dropout.
The diagnostic is not masked during power-up phase.
VDD1 has an internal thermal protection with a dedicated thermal sensor: in case temperature shutdown
threshold is reached and OVER CURRENT flag is set, all the regulators are turned off and a dedicated diagnostic
bit is set (T_SD_VDD1). Once the sensed temperature decreases below the shutdown threshold (plus a thermal
hysteresis), the powerup sequence is restarted and fault bit can be cleared by SPI reading.
Figure 10. VDD1 regulator circuit
VDD 1
X
VDD 1_SEL
X
VROUT
X
VDD1
Buck
VBATP
Control
loop
VCP
Driver
GADG0707171457PS
L9300
Power supply
DS12258 - Rev 4
page 20/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com