Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9300 Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 60Page - STMicroelectronics L9300 Datasheet HTML 61Page - STMicroelectronics L9300 Datasheet HTML 62Page - STMicroelectronics L9300 Datasheet HTML 63Page - STMicroelectronics L9300 Datasheet HTML 64Page - STMicroelectronics L9300 Datasheet HTML 65Page - STMicroelectronics L9300 Datasheet HTML 66Page - STMicroelectronics L9300 Datasheet HTML 67Page - STMicroelectronics L9300 Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 182 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max Unit
Pin
INx_in_ft
INx input filter time
Software mode Guaranteed by scan
1
2
µs
INx
INx_delay_AVG
Delay time from INx_in_ft to
average current update
Software mode Guaranteed by scan
1
5.5
µs
INx
Power Stage
Irev_VSx
VSx reverse current
Application note: in the application condition, no
impact on other functions, no reset generation(1)
-3
A
VSx
Irev_LOADx
LOADx reverse current
Application note: in the application condition, no
impact on other functions, no leakage from nearby
pins, no reset generation(2)
-3
A
LOADx
VSx_lkg
VSx current leakage stby
Output disabled, WAKE = 0 V, VS = 13 V
-1
1
µA
VSx
LOADx_lkg
LOADx current leakage tristate
Output disabled, WAKE = VS = 13 V, LOADx = VS
or GND
-130
+140
µA
LOADx
HS_RdsON
High–side RdsON
Tj = 150 °C, ILOAD = 1 A
0.44
Ω
LOADx
HS_RdsON
High–side RdsON
Tj = 175 °C, ILOAD = 1 A
0.5
Ω
LOADx
LS_RdsON
Low–side RdsON
Tj = 150 °C, ILOAD = 1 A
0.44
Ω
LOADx
LS_RdsON
Low–side RdsON
Tj = 175 °C, ILOAD = 1 A
0.5
Ω
LOADx
Driver Parameters
LOADx_ton_res ton filter time
Software mode, Guaranteed by scan
3
4
µs
LOADx
LOADx_toff_res toff filter time
Software mode, Guaranteed by scan
3
4
µs
LOADx
LOADx_SR00
Voltage slew rate SR00
20% to 80% & 80% to 20%, VBATP=13 V,
Rload = 6 Ω, Cload = 10 nF
0.1
0.3
0.5
V/µs LOADx
LOADx_SR01
Voltage slew rate SR01
20% to 80% & 80% to 20%, VBATP=13 V,
Rload = 6 Ω, Cload = 10 nF
0.5
1
1.8
V/µs LOADx
LOADx_SR10
Voltage slew rate SR10
20% to 80% & 80% to 20%, VBATP=13 V,
Rload = 6 Ω, Cload = 10 nF
1.8
4
6
V/µs LOADx
LOADx_SR11
Voltage slew rate SR11
20% to 80% & 80% to 20%, VBATP=13 V,
Rload = 6 Ω, Cload = 10 nF
4
8
12
V/µs LOADx
LOADx_ton00
ton 00
SW mode from INx to 20% in HS, from INx to 80%
in LS
1
27
µs
LOADx
LOADx_ton01
ton 01
SW mode, from INx to 20% in HS,from INx to 80%
in LS
1
18
µs
LOADx
LOADx_ton10
ton 10
SW mode, from INx to 20% in HS,from INx to 80%
in LS
1
14
µs
LOADx
LOADx_ton11
ton 11
SW mode, from INx to 20% in HS,from INx to 80%
in LS
1
13
µs
LOADx
LOADx_toff00
toff 00
SW mode, from INx to 80% in HS, from INx to
20% in LS
1
50
µs
LOADx
LOADx_toff01
toff 01
SW mode, from INx to 80% in HS, from INx to
20% in LS
1
23
µs
LOADx
LOADx_toff10
toff 10
SW mode, from INx to 80% in HS, from INx to
20% in LS
1
19
µs
LOADx
LOADx_toff11
toff 11
SW mode, from INx to 80% in HS, from INx to
20% in LS
1
18
µs
LOADx
Current Control
Ireg_range
Current regulation range
HILOAD_x = 0
0
1.5
A
LOADx
Ipeak_range
Peak Current regulation range
HILOAD_x = 0
0
2.25
A
LOADx
Ireg_acc_L
Current regulation accuracy
HILOAD_x = 0, 0 A ≤ Ireg ≤ 0.5 A (3)
-8
8
mA
LOADx
L9300
Solenoid driver
DS12258 - Rev 4
page 64/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com