Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9300 Datasheet(PDF) 37 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 33Page - STMicroelectronics L9300 Datasheet HTML 34Page - STMicroelectronics L9300 Datasheet HTML 35Page - STMicroelectronics L9300 Datasheet HTML 36Page - STMicroelectronics L9300 Datasheet HTML 37Page - STMicroelectronics L9300 Datasheet HTML 38Page - STMicroelectronics L9300 Datasheet HTML 39Page - STMicroelectronics L9300 Datasheet HTML 40Page - STMicroelectronics L9300 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 182 page
background image
High-speed operation
The number of datalog bit is reduced at high-speed operations (see next figure). There are four dedicated bits on
the SPI WSIRSDRx register which show how many valid bits are coming from the VDA sensor.
Figure 20. Signal monitoring: high Speed
bit 0 bit 1 bit 2 bit 3 bit 4 bit 5
tp/2
tp/2
tp
tp
tp
tp
tp
tp
tp
1
1
0
1
1
0
Initial bit
Speed pulse
Sensor output
Current
Data log
Speed pulse
t_mc
_if
GADG1407170839PS
Standstill operation
The ASIC is able to understand whether the VDA sensor is in standstill mode. Standstill operation frames are
composed as shown in the next figure. In this case the speed pulse is not modulated at current level I_high but a
level I_mid is used.
The expected number of transmitted datalog bit is equal to 9 but no automatic check is performed.
Figure 21. Signal monitoring: standstill
bit 0 bit 1 bit 2 bit 3 bit 4 bit 5 bit 6 bit 7 Parity
tp/2
tp/2
tp
tp
tp
tp
tp
tp
tp
tp
tp
tp
1
1
0
1
1
0
1
0
1
Initial bit
Speed pulse
Sensor output
Current
Data log
Speed pulse
t_stop
GADG1407170854PS
Start & stop condition for data decoding
According to the sensor status, the starting and the end point for decoding the VDA data can slightly vary. The
different behaviors are summarized by the table below.
L9300
TRK 1, 2, 3, 4
DS12258 - Rev 4
page 37/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com