Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9300 Datasheet(PDF) 101 Page - STMicroelectronics

Part # L9300
Description  Automotive flexible U-chip for braking and transmission
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9300 Datasheet(HTML) 101 Page - STMicroelectronics

Back Button L9300 Datasheet HTML 97Page - STMicroelectronics L9300 Datasheet HTML 98Page - STMicroelectronics L9300 Datasheet HTML 99Page - STMicroelectronics L9300 Datasheet HTML 100Page - STMicroelectronics L9300 Datasheet HTML 101Page - STMicroelectronics L9300 Datasheet HTML 102Page - STMicroelectronics L9300 Datasheet HTML 103Page - STMicroelectronics L9300 Datasheet HTML 104Page - STMicroelectronics L9300 Datasheet HTML 105Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 182 page
background image
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
AC Parameters
fop
Transfer Frequency
Design Information
6
MHz
SCLK
tsclk
SCLK Period (2)
Design Information
167
ns
SCLK
tlead
Enable Lead Time (3)
Design Information
750
ns
SCLK
tlag
Enable Lag Time (4)
Design Information
100
ns
SCLK, CS
tsclkhs
SCLK High Time (5)
Design Information
75
ns
SCLK
tsclkls
SCLK Low Time (6)
Design Information
75
ns
SCLK
tsus
MOSI Input Setup Time (7)
Design Information
30
ns
SDI
ths
MOSI Input Hold Time (8)
Design Information
30
ns
SDI
ta
MISO Access Time (9)
Design Information 50pF
load
100
ns
SDO
tdis
MISO Disable Time (10)
Design Information 50pF
load
100
ns
SDO
tvs
MISO Output Valid Time (11)
Design Information 50pF
load
70
ns
SDO
tho
MISO Output Hold Time (12)
Design Information 50pF
load
10
ns
SDO
tr
MISO Rise Time (13)
Design Information 50pF
load
50
ns
SDO
tf
MISO Fall Time (14)
Design Information 50pF
load
50
ns
SDO
tcsn
CS Negated Time (15)
Design Information
750
ns
CS
tsh
SCLK Hold Time (16)
Design Information
100
ns
SCLK
teof
End of frame time
Time from CS rising edge
to internal registers update
Design Information
1/
fOSCINT
2/fOSCINT
ns
CS
Figure 63. SPI timing
CS
SCLK
3
9
5
7
8
6
11
2
MSB OUT
4
15
13
12
10
LSB IN
DATA
DATA
LSB OUT
DON’T
CARE
MSB IN
MISO
MOSI
GADG0708171624PS
L9300
SPI electrical characteristics
DS12258 - Rev 4
page 101/182



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com