Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8089FG Datasheet(PDF) 11 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 7Page - STMicroelectronics STA8089FG Datasheet HTML 8Page - STMicroelectronics STA8089FG Datasheet HTML 9Page - STMicroelectronics STA8089FG Datasheet HTML 10Page - STMicroelectronics STA8089FG Datasheet HTML 11Page - STMicroelectronics STA8089FG Datasheet HTML 12Page - STMicroelectronics STA8089FG Datasheet HTML 13Page - STMicroelectronics STA8089FG Datasheet HTML 14Page - STMicroelectronics STA8089FG Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
DocID027175 Rev 8
11/34
STA8089FG
Pin description
33
2.6
Communication interface pins
TP_IF_N
1.2 V
O
Diff.Test Point for IF - Neg.
6
TP_IF_P
1.2 V
O
Diff.Test Point for IF - Pos.
5
Table 3. Test/emulated dedicated pins (continued)
Symbol
I/O voltage
I/O
Description
STA8089FG
Table 4. Communication interface pins
Symbol
I/O voltage
I/O
Alternative
function
Function
Description
STA8089FG
CAN0_RX(1) VDDIO_R2
I
AF0
(default)
CAN0_RX(1)
CAN0 receive data input
54
I
AF1
UART0_RX
UART0 Rx data
I/O
AF2
TSENSE
External temperature capture
port
I/O
AF3
I2C_SD
I2C serial data
CAN0_TX(1) VDDIO_R2
O
AF0
(default)
CAN0_TX(1)
CAN0 transmit data output
51
O
AF1
UART0_TX
UART0 Tx data
I/O
AF2
GPIO7
General purpose I/O #7
O
AF3
I2C_CLK
I2C clock
CAN1_RX(1) VDDIO_R2
I/O
AF0
I2C_SD
I2C serial data
55
I/O
AF1
GPIO9
General purpose I/O #9
I
AF2
(default)
CAN1_RX(1)
CAN1 receive data input
I/O
AF3
SPI_CSN
SPI chip select active low
CAN1_TX(1) VDDIO_R2
O
AF0
I2C_CLK
I2C clock
1
I/O
AF1
GPIO8
General purpose I/O #8
O
AF2
(default)
CAN1_TX(1)
CAN1 transmit data output
O
AF3
SPI_CLK
SPI clock
SPI_CLK
VDDIO_R1
O
AF0
(default)
SPI_CLK
SPI clock
41
I/O
AF1
GPIO25
General purpose I/O #25
O
AF2
SQI_CLK
SQI Flash clock
O
AF3
Reserved
—



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com