Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8089FG Datasheet(PDF) 33 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 33 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 26Page - STMicroelectronics STA8089FG Datasheet HTML 27Page - STMicroelectronics STA8089FG Datasheet HTML 28Page - STMicroelectronics STA8089FG Datasheet HTML 29Page - STMicroelectronics STA8089FG Datasheet HTML 30Page - STMicroelectronics STA8089FG Datasheet HTML 31Page - STMicroelectronics STA8089FG Datasheet HTML 32Page - STMicroelectronics STA8089FG Datasheet HTML 33Page - STMicroelectronics STA8089FG Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
DocID027175 Rev 8
33/34
STA8089FG
Revision history
33
7
Revision history
Table 27. Document revision history
Date
Revision
Changes
21-Nov-2014
1
Initial release.
15-Apr-2015
2
Updated Features and Description
Updated Chapter 1: Overview
Updated Table 5: General purpose pins
Updated Section 3.4.3: UART
Updated Section 4.7: DC characteristics, Section 4.8: AC
characteristics
and Section 4.8.3: OSCI oscillator specifications
30-Jun-2015
3
Table 1: Power supply pins
:
– VDDD, VOL1: updated description
Table 13: LDO1 DC characteristics
:
–VOL1: set min and max values as TBD, removed condition for Output
voltage at 1.0 V
Table 14: LDO2 DC characteristics
:
–VOL2: set min and max values as TBD
Table 15: Low voltage detection thresholds
:
– Output LVD main VR: removed condition for Output voltage at 1.0 V
24-Nov-2015
4
Table 8: Voltage characteristics
:
–VESD-HBM, VESD-CDM: updated values
25-Nov-2015
5
Updated package data
01-Jun-2016
6
Updated Features list and Description
Updated Overview
Updated Table 4: Communication interface pins:
– Note 1
Updated Section 3.4.1: CAN:
– Note a
Updated Section Figure 7.: Ordering information scheme
29-May-2017
7
Updated:
– Table 9: Thermal characteristics on page 21 (Rj-amb value);
– Table 11: Power consumption: removed IDSLEEP and added IDStandby
and IDDeepStandby parameters;
– Table 13: LDO1 DC characteristics added Min and Max values of
VOL1 parameter;
– Table 14: LDO2 DC characteristics added Min and Max values of
VOL2 parameter.
27-Jul-2017
8
Updated:
– Table 11: Power consumption: added in IDDeepStandby max value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com