Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8089FG Datasheet(PDF) 14 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 10Page - STMicroelectronics STA8089FG Datasheet HTML 11Page - STMicroelectronics STA8089FG Datasheet HTML 12Page - STMicroelectronics STA8089FG Datasheet HTML 13Page - STMicroelectronics STA8089FG Datasheet HTML 14Page - STMicroelectronics STA8089FG Datasheet HTML 15Page - STMicroelectronics STA8089FG Datasheet HTML 16Page - STMicroelectronics STA8089FG Datasheet HTML 17Page - STMicroelectronics STA8089FG Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
General description
STA8089FG
14/34
DocID027175 Rev 8
3
General description
3.1
RF front end
The RF front-end is able to down-convert both the GPS-Galileo signal from 1575.42 MHz to
4.092 MHz (4 Fo, being F0 = 1.023 MHz), the GLONASS signal from 1601.718 MHz to
8.57 MHz and the BeiDou signal from 1561.098 MHz to 10.23 MHz.
It embeds high performance LNA minimizing external component count and two LDOs to
supply the internal core facilitating requirements for external power supply. A three bits ADC
converts the IF signals to sign (SIGN) and magnitude (MAG0 and MAG1). They can be
sampled or not by SPI. The magnitude bits are internally integrated in order to control the
variable gain amplifiers. The VGA gain can be also set by the SPI interface.
The RF tuner accepts a wide range of reference clocks (10 to 52 MHz) and can generate
64 Fo sampling clock for the baseband and 192 Fo clock for MCU subsystem.
3.2
GPS/Galileo/GLONASS/BeiDou Base Band (G3BB+)
processor
STA8089FG integrates G3BB+ proprietary IP, which is the ST last generation high-
sensitivity Baseband processor fully compliant with GPS, Galileo, GLONASS and BeiDou
systems.
The baseband receives, from the embedded RF Front-End, two separate IF signals coded
in sign-magnitude digital format on 3 bits and the related clocks. The Galileo/GPS
(GALGPS) and GLONASS/BeiDou (GNSCOM) signals at the base band inputs are
centered on 4.092 MHz, 8.57 MHz and 10.23 MHz.
The baseband processes the two IF signals performing data codification, sample rate
conversion and final frequency conversion to zero IF before acquisition and tracking
correlations.
The baseband processor has the capability of acquiring and tracking the Galileo, GPS,
GLONASS and BeiDou signals in a simultaneous or single way, or a combination of three,
being GLONASS and BeiDou mutually exclusive. The number of tracking channels to be
used is programmable; the not used tracking channels can be powered down.
A complete multi-OS software library is provided by ST to handle GPS processing,
managing satellite acquisition, tracking, pseudo-range calculation and positioning,
generating the output in the standard NMEA message format or in a ST binary format. The
library includes support of ST self-trained assisted GPS (ST-AGPS), a complete and
scalable solution for assisting GPS start-up with autonomous and server-based ephemeris
prediction and extension.
3.3
MCU Subsystem
The implemented sub-system includes an AHB Lite bus matrix.
An ARM946 core is embedded in the sub-system and masters the AHB bus. The totally
available TCM SRAM is 256 KB. The amount of memory on ITCM and DTCM can be



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com