Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8089FG Datasheet(PDF) 25 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 21Page - STMicroelectronics STA8089FG Datasheet HTML 22Page - STMicroelectronics STA8089FG Datasheet HTML 23Page - STMicroelectronics STA8089FG Datasheet HTML 24Page - STMicroelectronics STA8089FG Datasheet HTML 25Page - STMicroelectronics STA8089FG Datasheet HTML 26Page - STMicroelectronics STA8089FG Datasheet HTML 27Page - STMicroelectronics STA8089FG Datasheet HTML 28Page - STMicroelectronics STA8089FG Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
DocID027175 Rev 8
25/34
STA8089FG
Electrical characteristics
33
BWGPS
-3dB IF bandwidth
GPS mode
—
2.4
MHz
BWGAL
Galileo mode
—
4.8
MHz
ATT
Alias frequency
rejection
F = 60 MHz
(fs = 65.474 MHz)
—30
dB
TgGPS
IF filter group delay
variation
GPS mode
—
200(1)
ns
TgGAL
Galileo mode
—
30(1)
ns
1. Not tested in production.
Table 19. RFCHAIN – GLONASS/BeiDou filter and VGA
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit
S11(1)
1. Not tested in production.
Input return loss
GLONASS band
-10
dB
BeiDou band
-7
fIFGNS/BDU
IF frequency for
GLONASS
PLL in default condition
with 26 Mhz as
reference
—8.519
MHz
IF frequency for BeiDou
—
10.277
NF
Noise figure
NF overall chain with
AGC set at 0 dB
—2(1)
dB
CG
Conversion gain from
RF input to ADC input
VGA at min gain
—
68
dB
VGA at max gain
—
118
dB
IP1dB
RF-IF-VGA input
compression point
VGA min
—
-80
dBm
IRR
Image rejection ratio
—
25
dB
BWGNS/BDU -3dB IF bandwidth
—
10
MHz
ATT
Alias frequency rejection
F = 53 MHz
(fs = 65.474 MHz)
—30
dB
TgGNS/BDU
IF filter group delay
variation
—20(1)
ns
Table 20. Synthesizer
Symbol
Parameter
Min.
Typ.
Max.
Unit
FTCXO_XTAL
Input frequency for xtal amplifier (1)
1. That amplifier can be used also as a TCXO input buffer.
10
52
MHz
RDIV
Reference divider range
1
63
NDIV
Loop divider range
56
2047
FLO
LO operating frequency
3142.656
MHz
Table 18. RFACHAIN – GALGPS filter and VGA (continued)
Symbol
Parameter
Test conditions
Min
Typ
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com