Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8089FG Datasheet(PDF) 27 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 23Page - STMicroelectronics STA8089FG Datasheet HTML 24Page - STMicroelectronics STA8089FG Datasheet HTML 25Page - STMicroelectronics STA8089FG Datasheet HTML 26Page - STMicroelectronics STA8089FG Datasheet HTML 27Page - STMicroelectronics STA8089FG Datasheet HTML 28Page - STMicroelectronics STA8089FG Datasheet HTML 29Page - STMicroelectronics STA8089FG Datasheet HTML 30Page - STMicroelectronics STA8089FG Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
DocID027175 Rev 8
27/34
STA8089FG
Electrical characteristics
33
Figure 4. 32.768 kHz crystal connection
To drive the 32.768 kHz crystal pins from an external clock source:
Disable the oscillator (bit28-OSCI_EN = 0b in PRCC_BACKUP_REG0 register). This
disables the internal inverter, thus reducing the power consumption to minimum.
Drive the RTC_XTI pin with a square signal or a sine wave.
4.8.3
OSCI oscillator specifications
The supported values of the embedded BOOT ROM are 16.368 MHz, 24.00 MHz,
26.00 MHz and 48.00 MHz.
The default values supported by the GNSS binary image is 26MHz and 48MHz, to enable
USB peripheral the 48 MHz is mandatory.
4.8.4
ADC specifications
This section gives the AC specification of the 10 bit Successive Approximation Register
ADC embedded in STA8089FG device. It is controlled by the ARM9 MCU through a
wrapper and an APB bridge as depicted in Figure 5 and it has a maximum conversion rate
of 1MSPS with 8 muxed analog input channels capability. An internal voltage reference is
used and analog/digital power supplies connections are implemented inside the device
without any needs of dedicated external pins.
Table 23. Characteristics of external slow clock input
Symbol
Parameter
Min.
Typ.
Max.
Unit
TJIT (cc)
Cycle-to-cycle jitter
-70
—
70
ps
TJIT (per)
Period jitter
-70
—
70
ps
Variation
-500
—
500
ppm
TDUTY
Duty cycle
45
—
55
%
CL = 18 pF
CL = 18 pF
32.768 kHz
Crystal
RTC_XTII
RCT_XTO
Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com