Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8089FG Datasheet(PDF) 23 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 19Page - STMicroelectronics STA8089FG Datasheet HTML 20Page - STMicroelectronics STA8089FG Datasheet HTML 21Page - STMicroelectronics STA8089FG Datasheet HTML 22Page - STMicroelectronics STA8089FG Datasheet HTML 23Page - STMicroelectronics STA8089FG Datasheet HTML 24Page - STMicroelectronics STA8089FG Datasheet HTML 25Page - STMicroelectronics STA8089FG Datasheet HTML 26Page - STMicroelectronics STA8089FG Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
DocID027175 Rev 8
23/34
STA8089FG
Electrical characteristics
33
4.7
DC characteristics
Table 13
specifies the LDO1 voltage regulator characteristics.
Table 14
specifies the LDO2 voltage regulator characteristics.
Table 15
specifies the low voltage detection thresholds.
Table 16
lists the DC characteristics for all the IO digital buffers except for the following input
buffers: STBYn (24), STDBY_OUT (23), WAKEUP (26) and RSTn (25).
Table 13. LDO1 DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL1
Output voltage (1.2V)
1.71 V ≤ VINL1 ≤ 1.89 V;
IOL1 ≤ 70 mA
1.08
1.20
1.32
V
Output voltage (1.1V)
1.71 V ≤ VINL1 ≤ 1.89 V;
IOL1 ≤ 70 mA
1
1.10
1.2
V
IOL1
Output current
0
—
70
mA
Table 14. LDO2 DC characteristics
Symbol
Parameter
Test condition
Min.
Typ.
Max.
Unit
VOL2
Output voltage
1.6 V ≤ VINL2 ≤ 4.3 V;
IOL2 ≤ 30 mA
1.08
1.20
1.32
V
IOL2
Output current
0
—
30
mA
Table 15. Low voltage detection thresholds
Parameter
Min.
Typ.
Max.
Unit
Input LVD always on
VR(1)
1. Not tested in production.
Upper voltage threshold
—
1.680
—
V
Lower voltage threshold
—
1.650
—
V
Output LVD always
on VR(1)
Upper voltage threshold
—
0.995
—
V
Lower voltage threshold
—
0.935
—
V
Output LVD main
VR(1)
Upper voltage threshold @ VOL1 = 1.2 V
—
1.142
—
V
Lower voltage threshold @ VOL1 = 1.2 V
—
1.076
—
V
Upper voltage threshold @ VOL1 = 1.1 V
—
1.048
—
V
Lower voltage threshold @ VOL1 = 1.1 V
—
0.986
—
V
Table 16. I/O buffers DC characteristics
Symbol
Parameter
Test
conditions
Min.
Typ.
Max.
Unit
VIL(1)
Logical input low level voltage
VDDIO = 1.8 V
-0.3
—
0.3 * VDDIO
V
VDDIO = 3.3V
-0.3
—
0.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com