Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA8089FG Datasheet(PDF) 16 Page - STMicroelectronics

Part # STA8089FG
Description  Fully integrated GPS/Galileo/GLONASS/BeiDou/QZSS receiver with embedded RF and in-package Flash
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA8089FG Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STA8089FG Datasheet HTML 12Page - STMicroelectronics STA8089FG Datasheet HTML 13Page - STMicroelectronics STA8089FG Datasheet HTML 14Page - STMicroelectronics STA8089FG Datasheet HTML 15Page - STMicroelectronics STA8089FG Datasheet HTML 16Page - STMicroelectronics STA8089FG Datasheet HTML 17Page - STMicroelectronics STA8089FG Datasheet HTML 18Page - STMicroelectronics STA8089FG Datasheet HTML 19Page - STMicroelectronics STA8089FG Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
General description
STA8089FG
16/34
DocID027175 Rev 8
3.4
APB peripherals
3.4.1
CAN
The 2 CAN(a) cores perform communication according to the CAN protocol version 2.0 part
A and B. The bit rate can be programmed to values up to 1 MBit/s. For the connection to the
physical layer, additional transceiver hardware is required.
CAN consists of the CAN core, message RAM, message handler, control registers and
module. For communication on a CAN network, individual message objects are configured.
The message objects and identifier masks for acceptance filtering of received messages are
stored in the message RAM. All functions concerning the handling of messages are
implemented in the message handler. These functions include acceptance filtering, the
transfer of messages between the CAN core and the message RAM, and the handling of
transmission requests as well as the generation of the module interrupt.
The register set of the CAN can be accessed directly by the CPU through the module
interface. These registers are used to control/configure the CAN core and the message
handler and to access the message RAM.
CAN features
Supports CAN protocol version 2.0 part A and B
Bit rates up to 1 MBit/s
Each message object has its own identifier mask
Maskable interrupt
Disabled automatic re-transmission mode for time triggered CAN applications
Programmable loop-back mode for self-test operation
Two 16-bit module interfaces to the AMBA APB bus from ARM
3.4.2
SSP
The SSP is a master interface for synchronous serial communication with peripheral
devices that have Motorola SPI.
The SSP performs serial-to-parallel conversion on data received from a peripheral device
on SPI_DI pin, and parallel-to-serial conversion on data written by CPU for transmission on
SPI_DO pin. The transmit and receive paths are buffered with internal FIFO memories
allowing up to 32 x 32-bit values to be stored independently in both transmit and receive
modes. FIFOs may be burst-loaded or emptied by the system processor or DMA, from one
to eight words per transfer. Each 32-bit word from the system fills one entry in FIFO.
The SSP includes a programmable bit rate clock divider and prescaler to generate the serial
output clock SSPCLK from the on-chip clock. One combined interrupt is delivered, which is
asserted from several internal maskable events.
a. Only for STA8089FGB and STA8089FGBD(see Figure 7: Ordering information scheme).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com