Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 54 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 54 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 50Page - STMicroelectronics L9788 Datasheet HTML 51Page - STMicroelectronics L9788 Datasheet HTML 52Page - STMicroelectronics L9788 Datasheet HTML 53Page - STMicroelectronics L9788 Datasheet HTML 54Page - STMicroelectronics L9788 Datasheet HTML 55Page - STMicroelectronics L9788 Datasheet HTML 56Page - STMicroelectronics L9788 Datasheet HTML 57Page - STMicroelectronics L9788 Datasheet HTML 58Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 264 page
background image
Watchdog
L9788
54/264
DS12308 Rev 4
4.1.7
Access during a sequencer-run
A sequencer-run (which means the same as a monitoring cycle) is initiated by the writing of
a response (i.e. all answer bytes <RESP_BYTE3..0>) or a write to <RESPTIME> or by
reaching "end of time window". It's not interrupted by a new access, i.e. the monitoring
module completes the action already started:
A sequencer-run was initiated by a "response write": The sequencer completes its task
with the data of the previous access and the new data are ignored.
A sequencer-run was initiated by a "response-time write": The sequencer uses the
response-time of the previous access, the error counter is correspondingly
incremented by one and the <CHRT> bit (REQUHI register) is set and the new data are
ignored. <CHRT> will be reset by reading and by the next start of a sequencer run (not
reset by the sequencer run that is started by a "response-time write")
A sequencer-run was initiated by "end of time window": The sequencer finishes the
started run, the error counter is incremented by one and the new data are ignored.
The writing of a response-time during a sequencer-run will not set the <CHRT> bit (REQUHI
register). The new response-time value is also not accepted.
At the end of the sequencer run W_RESP bit is set to 0 if the response is correct, it is set to
1 if the response is incorrect.
4.1.8
Clock and time references
The monitoring module works independently by the micro-controller clock so that it can
monitor the timing of the micro-controller.
This oscillator is integrated in the U-chip and it provides a clock CLK1 for the monitoring
module.
Clocked with CLK1, a divider generates the base time of 1.6 ms @ 64 kHz for the response-
time and 8*1.6 ms = 12.8 ms @ 64 kHz for the fixed time window. Accuracy of CLK1 is ±
5%.
The response-time is adjustable by the controller in the range 0ms to about 100ms (register
RESPTIME).
The response-time can be calculated with the equation
Response_Time = RESPTIME [5:0]) *1.6 ms
If 39 kHz clock is selected by wda_win_sel configuration bit, the base time changes
becoming 2.6ms @ 39 kHz. This implies the change of all related timing values: 8*2.6 ms =
20.8 ms @ 39 kHz for the fixed time window and response time becomes RESPTIME [5:0]
*2.6 ms.
The WDA_RESPTIME (CONFIG_REG9_0) register is set to '0011 1111'b after a reset. The
ERROR COUNTER is incremented by one if the controller changes the response-time. If
the response-time is set to 0 ms, then the ERROR COUNTER is incremented by one even if
a correct response is received within the time window. The maximum error reaction time is
given by: maximum response-time, response at the end of a time-window and ERROR
COUNTER 0 Is 5 *(100.8 ms + 12.8 ms) = 568 ms.
In order to assure correct response write, there must be a minimum distance between 2
consecutive writes equal to 5us, this time does not depend on WDA_WIN_SEL
(CONFIG_REG9_1 D2).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com