Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 19Page - STMicroelectronics L9788 Datasheet HTML 20Page - STMicroelectronics L9788 Datasheet HTML 21Page - STMicroelectronics L9788 Datasheet HTML 22Page - STMicroelectronics L9788 Datasheet HTML 23Page - STMicroelectronics L9788 Datasheet HTML 24Page - STMicroelectronics L9788 Datasheet HTML 25Page - STMicroelectronics L9788 Datasheet HTML 26Page - STMicroelectronics L9788 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 264 page
background image
DS12308 Rev 4
23/264
L9788
Absolute maximum ratings
263
INJ1_PGND
INJ2_PGND
INJ34_PGND
O2H1_PGNDA
O2H1_PGNDB
O2H2_PGNDA
O2H2_PGNDB
SOL12_PGND
PDR_GND
Low-side drivers
GND
GND1
-
-0.3
+0.3
V
O
PRD1_GATE
PRD2_GATE
PRD3_GATE
PRD4_GATE
PRD5_GATE
General purpose
pre-drivers gate
voltage
GND1
-
-0.3
+20
V
O
PRD1_DRN
PRD2_DRN
PRD3_DRN
PRD4_DRN
PRD5_DRN
General purpose
pre-drivers
feedback
voltage
GND1
-
-0.3
+60
V
I
EN_N
EN_P
Digital input
(Cranking
drivers enable
signals)
GND1
-
-0.3
+20
V
I
LIN_TX
LIN data input
GND1
-
-0.3
+20
V
I
LIN_RX
LIN data output
GND1
-
-0.3
+20
V
O
LIN
LIN driver output
GND1
T = -40 °C
-18
+40
V
O
LIN
LIN driver output
GND1
T = -27 °C, 175 °C
-27
+40
V
O
CAN_TX
CAN data input
GND1
-
-0.3
+20
V
I
CAN_RX
CAN data output
GND1
-
-0.3
+20
V
O
CANH
CAN driver
output
GND1
-
-27
+40
V
O
CANL
CAN driver
output
GND1
-
-27
+40
V
O
VDD_CAN
CAN Supply 5V
GND1
-
-0.3
+20
V
S
VB_CAN
CAN Supply
Battery
GND1
-
-16
+40
V
S
Table 3. Absolute maximum ratings (continued)
Pin name
Parameter
Referred to
Constr.
Min
Max
Unit
Pin(1)
Direction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com