Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 98 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 98 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 94Page - STMicroelectronics L9788 Datasheet HTML 95Page - STMicroelectronics L9788 Datasheet HTML 96Page - STMicroelectronics L9788 Datasheet HTML 97Page - STMicroelectronics L9788 Datasheet HTML 98Page - STMicroelectronics L9788 Datasheet HTML 99Page - STMicroelectronics L9788 Datasheet HTML 100Page - STMicroelectronics L9788 Datasheet HTML 101Page - STMicroelectronics L9788 Datasheet HTML 102Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 98 / 264 page
background image
Low-side drivers
L9788
98/264
DS12308 Rev 4
Ton_OUTx
Propagation delay from
MSC_EN rising edge to
80% output OUTx
voltage
VB_IN = 14 V, Rload = 15 Ω,
Cload = 10 nF
--
8
µs
SOL1/2
Toff_OUTx
Propagation delay from
MSC_EN falling edge to
20% output OUTx
voltage
VB_IN = 14 V, Rload = 15 Ω,
Cload = 10 nF
--
8
µs
SOL1/2
Vclamp_OUTx OUTx clamping voltage
ILOAD = 1.3 A
50
55
60
V
SOL1/2
Vclamp_OUTx
_high_curr
OUTx clamping voltage
ILOAD = 3 A
Guaranteed by design,
provided single pulse
energy limits are not
violated by clamping action
50
55
60
V
SOL1/2
I_ovc_sol
Over current driver
threshold
-3
4.5
6
A
SOL1/2
I_LS_ocv_flt
LS overcurrent filter time Guaranteed by scan
4
-
7
µs
SOL1/2
T_SD_HIGH
Temperature shut down
-
185
-
200
°C
SOL1/2
T_SD_LOW
Temperature shut down
recover
-
175
-
190
°C
SOL1/2
T_SD_hys
Temperature shut down
hysteresis
-5
-
10
°C
SOL1/2
-
Thermal shutdown
analog filter time
Guaranteed by design
1.5
-
4
µs
SOL1/2
t_SD_deglitch
Digital deglitch filter time
on Temperature shut
down detection
Guaranteed by scan
-
10
-
µs
SOL1/2
OFF state diagnostic
VLVT
Short to GND threshold
voltage
Driver tristate, diag enabled
1.9
2.1
VOUT
OPEN
-180mV
VSOL1/2
V_OL
Open load threshold
voltage
Driver tristate, diag enabled
VOUT
OPEN
+160mV
2.9
3.0
V
SOL1/2
VOL
Open load voltage
Driver tristate, diag enabled
2.3
2.5
2.7
V
SOL1/2
I_LS_PU1
Diagnostic pull up
current
In OFF condition,
OUTx < VLVT,
Ipupd_EN = ENB,
Ipupd_MODE =”1”
2.5
3.6
4.7
mA
SOL1/2
I_LS_PU2
Diagnostic pull up
current
In OFF condition,
OUTx < VLVT,
Ipupd_EN = ENB,
Ipupd_MODE =”0” and
IDIAG_HIGH_SOL =”0”
40
70
100
µA
SOL1/2
Table 47. Low-side driver - SOLENOID VALVE electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com