Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 65 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 65 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 61Page - STMicroelectronics L9788 Datasheet HTML 62Page - STMicroelectronics L9788 Datasheet HTML 63Page - STMicroelectronics L9788 Datasheet HTML 64Page - STMicroelectronics L9788 Datasheet HTML 65Page - STMicroelectronics L9788 Datasheet HTML 66Page - STMicroelectronics L9788 Datasheet HTML 67Page - STMicroelectronics L9788 Datasheet HTML 68Page - STMicroelectronics L9788 Datasheet HTML 69Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 264 page
background image
DS12308 Rev 4
65/264
L9788
Multi-voltage regulator supplies
263
3.0 V ≤ VBAT(*) < 18 V, Tj -40 to 175 °C unless otherwise specified.
Note:
(*)VBAT is the battery line of Figure 25 in front of the limiting 22 kΩ resistor (not shown in the
figure).
Table 27. Pre-boost regulator output electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
VB_IN_th
BOOST
enable/disable
threshold
When VB_IN <
VB_IN_TH, the boost
starts for time (tON).
When VB_IN ≥
VB_IN_TH, Boost is
disabled after tON is
completed. tON
depends on different
duty cycle
8.07
8.5
8.93
V
VB_IN
tdBOOST_EN
BOOST
Enable/disable
comparator
delay time
-
0.19
-
2
μs
VB_IN
Fsw_BOOST
Switching
frequency
43 cycles of 15 MHz
main clk, Guaranteed
by SCAN
334
352
370
kHz
VB_IN
Boost_DC1
Boost Duty
cycle 1
0V < VBAT_SENSE <
Vcomp_th1 33 out of
43 cycles of 15MHz
main clk (100% DC is
43 clk cycles)
Guaranteed by SCAN
-
76.74
-
%
VB_IN
Vcomp_th1
VBAT_SENSE
comparator
threshold 1
-
3.95
4.15
4.35
V
VBAT_SENSE
Boost_DC2
Boost Duty
cycle 2
Vcomp_th1 <
VBAT_SENSE <
Vcomp_th2 25 out of
43 clk cycles
Guaranteed by SCAN
-58-
%
VB_IN
Vcomp_th2
VBAT_SENSE
comparator
threshold 2
-
5
5.36
5.7
V
VBAT_SENSE
Boost_DC3
Boost Duty
cycle 3
Vcomp_th2 <
VBAT_SENSE <
Vcomp_th3 18 out of
43 clk cycles
Guaranteed by SCAN
-
41.86
-
%
VB_IN
Vcomp_th3
VBAT_SENSE
comparator
threshold 3
-
6.25
6.6
6.95
V
VBAT_SENSE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com