Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 80 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 76Page - STMicroelectronics L9788 Datasheet HTML 77Page - STMicroelectronics L9788 Datasheet HTML 78Page - STMicroelectronics L9788 Datasheet HTML 79Page - STMicroelectronics L9788 Datasheet HTML 80Page - STMicroelectronics L9788 Datasheet HTML 81Page - STMicroelectronics L9788 Datasheet HTML 82Page - STMicroelectronics L9788 Datasheet HTML 83Page - STMicroelectronics L9788 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 264 page
background image
Multi-voltage regulator supplies
L9788
80/264
DS12308 Rev 4
Figure 28. Power down charge pump behavior
Conditions:
4.8 V≤ VB_IN ≤ 18 V, Tj -40 to 175 °C unless otherwise specified;
GADG0112160944PS
KEY_IN
WK_IN_DET
WAKE_UP_EOT_DET
WAKE_UP_CAN_DET
MRD out
VB_IN / V_CP
Power On Reset
VPRE
t
CHARGE PUMP during Power Down
not permanent battery
Key_Tfilter
V
CP
VB_IN
Vuv_vpre+ Vuv_vdd5
(filtered)
KEY_IN
WK_IN_DET
WAKE_UP_EOT_DET
WAKE_UP_CAN_DET
MRD out
VB_IN / V_CP
Power On Reset
VPRE
t
CHARGE PUMP during Power Down
permanent battery
Key_Tfilter
V
CP
VB_IN
Vuv_vpre+ Vuv_vdd5
(filtered)
Table 39. Charge pump characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
CP
External
charge
pump
capacitor
-
-20%
100
+20%
nF
CP
Vcp
Output
voltage
VB_IN = 5.5 V-18 V Driver
Starter 1 & 2 & 3 configured as
HS and switching
VB_IN+4.8V
-
VB_IN+8V
V
CP
VB_IN_OFF(3.1V)<VB_IN<5.
5 V with 2 Driver Starter
configured as HS and fully ON
VB_IN+4V
-
VB_IN+8V
V
CP
Icp_leakage
Leakage
current in off
state
CP = VB_IN; chip off
-3
-
3
µA
CP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com