Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 39 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 35Page - STMicroelectronics L9788 Datasheet HTML 36Page - STMicroelectronics L9788 Datasheet HTML 37Page - STMicroelectronics L9788 Datasheet HTML 38Page - STMicroelectronics L9788 Datasheet HTML 39Page - STMicroelectronics L9788 Datasheet HTML 40Page - STMicroelectronics L9788 Datasheet HTML 41Page - STMicroelectronics L9788 Datasheet HTML 42Page - STMicroelectronics L9788 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 264 page
background image
DS12308 Rev 4
39/264
L9788
Operation behavior
263
Figure 11. Timer enabled for a new detection
Note:
Same mechanism applied to WAKE_IN_DET, WAKE_UP_EOT_DET and
WAKE_UP_CAN_DET.
3.2
Secure Engine Off (SEO) function
Secure Engine Off functional switches off, with a certain delay from KEY_OFF, the engine
by a hardware path and without any dependence on external micro and no matter what are
the other conditions (e.g. the power hold mode).
After the falling edge of the filtered KEY_IN a programmable counter is started. The clock of
the timer does not depend on any micro clock or function.
SEO_OUT pin is the output of KEY_IN after a T_SEO_DELAY (CONFIG_REG3 [6:7])delay.
Input pin INJ_ENA enables the internal drivers as listed above (INJ[1:4], is configured), so
the configuration of enable/disable of SEO function is realized by hardware in the following
way:
For PFI application, SEO_OUT is connected to INJ_ENA, when key goes off internal drivers
can be switched off.
For GDI application, SEO_OUT is connected to GDI injector driver enable if present,
INJ_ENA is always enabled. When key off, only the external GDI injector driver is switched
off.
During SEO time the external micro can switch on/off the drivers
SEO output is implemented with a push pull output stage, the T_SEO_DELAY can be
programmed according to Table 14.
GADG2511160723PS
WK_IN pin
WAKE_CAN_DET
WAKE_IN_DET
Impulse timer
Tfin_wk
Tfin_wk
The time-out of impulse timer
clears the WAKE_IN_DET
Table 13. Finish wake timer electrical characteristics
Symbol
Parameter
Min
Typ
Max
Unit
Tfin_wk
Finish wake timer
0.94
1
1.06
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com