Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 84 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 84 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 80Page - STMicroelectronics L9788 Datasheet HTML 81Page - STMicroelectronics L9788 Datasheet HTML 82Page - STMicroelectronics L9788 Datasheet HTML 83Page - STMicroelectronics L9788 Datasheet HTML 84Page - STMicroelectronics L9788 Datasheet HTML 85Page - STMicroelectronics L9788 Datasheet HTML 86Page - STMicroelectronics L9788 Datasheet HTML 87Page - STMicroelectronics L9788 Datasheet HTML 88Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 264 page
background image
Low-side drivers
L9788
84/264
DS12308 Rev 4
7.1.3
ON/OFF state - Error in on status diagnosis
To avoid unwanted driving of power stages the consistency of gate driving signal with digital
command is always monitored inside the device. Each time a turn-on/turn-off signal is
output by the logic core its effectiveness is verified comparing it with the status of the output
voltage.
The main logic can check the consistence between inner logic and actual signal at output
pin reading the OpenLoad comparator or Short-To-Ground Comparator according to
Table 42.
The driver status diagnosis (STA) is activated by the MSC on command, the relative
comparator is filtered for Tsta filter time to validate the diagnosis. In case of MOS pre-driver
the selected blanking time Tblank is applied before filtering.
Note:
In case of activation of OVT[17] the STA diagnosis is not available.
In case of activation of relative driver OVC the STA diagnosis is available.
7.1.4
OFF state - short load and open load
The device provides off-state diagnosis for each driver channel. Simplified schematic of
implemented diagnosis is shown in Figure 30.
Table 41. Driver status diagnosis
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Tsta
Driver status
diagnosis filter time
Tested by scan
30
32.5
35
µs
-
Table 42. STA diagnosis for drivers
STA diagnosis for drivers
-
INJ,SOL,O2H, RLY,
STR in Low-side
configuration
STR in high-side
configuration.
MOS pre-driver
IGN
ON state
Detected by STG
comparator, if the
output pin voltage is
higher than VLVT, STA
fault is detected
Detected by Open load
comparator, if the
output pin voltage is
lower than V_OL, STA
fault is detected.
Detected by STG
comparator, if the
MOS_DRN pin voltage
is higher than VLVT,
STA fault is detected.
Same information
as STG bit.
OFF state
(for LS/HS/PDRV)
LS_ON state
(for IGN)
Detected by Open load
comparator or Short To
Ground comparator. If
the output pin voltage
is lower than V_OL or
lower than VLVT STA
fault is detected.
Detected by STG
comparator, if the
output pin voltage is
higher than VLVT, STA
fault is detected.
Detected by Open
load comparator, if the
MOS_DRN pin voltage
is lower than V_OL,
STA fault is detected.
Not able to detect.
STA processing
filtering
filtering
blanking+filtering
filtering



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com