Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 109 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 109 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 105Page - STMicroelectronics L9788 Datasheet HTML 106Page - STMicroelectronics L9788 Datasheet HTML 107Page - STMicroelectronics L9788 Datasheet HTML 108Page - STMicroelectronics L9788 Datasheet HTML 109Page - STMicroelectronics L9788 Datasheet HTML 110Page - STMicroelectronics L9788 Datasheet HTML 111Page - STMicroelectronics L9788 Datasheet HTML 112Page - STMicroelectronics L9788 Datasheet HTML 113Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 264 page
background image
DS12308 Rev 4
109/264
L9788
High/low-side drivers - STARTER STR[1:3]
263
Figure 41. OFF state diagnostic HS config block schematic
In the HS mode we can have three different load conditions:
Normal Load, it means output driver connected to the load, No Fault Present, VOUT≤
V_OL Threshold;
Open Load, It means output driver disconnected to the load, Open Load Fault Present,
VHVT ≥ VOUT ≥ V_OL Threshold;
Short To VB, it means output driver shorted to VB voltage, Short To VB Fault Present,
VOUT > VHVT.
There is a bit IPUPD_EN_STRx in CONFIG_REG13 which is controlled by a MSC bit, it is
used by external µController if it is needed to switch on/off both pull up and pull down
diagnosis current.
There is a bit IPUPD_MODE in CONFIG_REG2 which is controlled by a MSC bit, it is used
by external uController if it is needed to switch on/off the bigger diagnosis
current(I_HS_PD1) in fast mode.
The Diagnostic in Off state is done by the following block:
An internal Buffer using the pull up/down currents is able to force the VOUTOPEN
voltage on the High-Side Driver Output when the driver is in Open Load Condition.
A comparator to detect the Open load Condition. The Open Load fault is detected when
the OUTx pin is VHVT >= VOUT>= V_OL Threshold for a time longer than Diag Filter
Time.
A comparator to detect the Short to VB Condition. The Short To VB fault is detected
when the OUTx pin is VOUT >= VHVT Threshold for a time longer than Diag Filter
Time.
Fast pull down current, this current is used to avoid the false short to VB diagnosis
when the driver switches off in Open load condition. This current switches on after the
falling edge of MSC command (driver in off state) and remains on until the Diag Filter
Time is expired or until the VOUT is < VHVT Threshold. (Note: if fast pull down current
is selected, the filter time Tflt_diagoff1 is suggested. Otherwise, the filter time
Tflt_diagoff2 is suggested).
HLS DRIVER in HS configuration
VBAT
OUTx
LOAD
PGND
L/R
gm
I_LS_PU
VOUTOPEN
VTVB
VTOPEN
DIAGOL
DIAGHV
I_LS_PD
+
-
+
-
+
-
MSC Command
Driver
GADG0212161526PS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com