Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 129 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 129 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 125Page - STMicroelectronics L9788 Datasheet HTML 126Page - STMicroelectronics L9788 Datasheet HTML 127Page - STMicroelectronics L9788 Datasheet HTML 128Page - STMicroelectronics L9788 Datasheet HTML 129Page - STMicroelectronics L9788 Datasheet HTML 130Page - STMicroelectronics L9788 Datasheet HTML 131Page - STMicroelectronics L9788 Datasheet HTML 132Page - STMicroelectronics L9788 Datasheet HTML 133Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 129 / 264 page
background image
DS12308 Rev 4
129/264
L9788
Pre-drivers - IGNITER IGN[1:6]
263
10.2
Short to GND
When IGNx pin voltage is lower than Vth_STG_IGN for a filter time at pre-driver is enabled
high, short to ground fault is detected. So the fault is latched until Read_Diag_CMD action.
Figure 52. IGN pre-drivers diagnosis timing diagram at short to GND
Table 55. Pre-driver - IGNITER diagnosis
Controlled load
Diagnosis & protection type
Detected faults @ pre-
driver enabled HIGH
Detected faults @ pre-
driver enabled LOW
Internal IGBT/smart IGBT
(IGN_DIAG
(CONFIG_REG2 D5) = ‘0’)
The controlled device is
module internal. No diagnosis
and protection required
--
External IGBT Load
(IGN_DIAG = ‘1’)
IGNx voltage and current
monitoring
_ IGNx short to GND
_ IGNx open load
_ IGNx short to VBAT
_ IGNx short to VBAT
GADG0512161558PS
IGNx_CMD
NO Fault
NO Fault
t
t
t
t
t
t
SHORT-TO-GROUND fault
SHORT-TO-GROUND fault happened
Filter time for IGN
Enabled HIGH
Enabled LOW
Enabled LOW
Read_Diag_CMD
Diag_fault
V_Pin_IGNx
Vth_STG_IGN
Driver status
IGNx_stg



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com