Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 234 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 234 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 230Page - STMicroelectronics L9788 Datasheet HTML 231Page - STMicroelectronics L9788 Datasheet HTML 232Page - STMicroelectronics L9788 Datasheet HTML 233Page - STMicroelectronics L9788 Datasheet HTML 234Page - STMicroelectronics L9788 Datasheet HTML 235Page - STMicroelectronics L9788 Datasheet HTML 236Page - STMicroelectronics L9788 Datasheet HTML 237Page - STMicroelectronics L9788 Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 264 page
background image
Micro second channel (MSC) interface
L9788
234/264
DS12308 Rev 4
18.6.13
Upstream Bit Map Read13 (SUPPLY UV/OV)
FRAME[1:4]: SUPPLY OVERVOLTAGE/UNDERVOLTAGE
0: no fault (default)
1: overvoltage/undervoltage detected on the corresponding pin
VB_STBY_UV is functional only if VB_STBY is present, if VB_STBY is totally disconnected
no diagnosis related to VB_STBY will be available (bit latched in wut logic).
GND_DIG_LOSS comparator for digital ground level
0: the digital ground supply is connected to ground.
1: the digital ground supply is disconnected from ground.
TRIM_VALID
Table 105. MSC Interface Upstream Bit Map Read13
ADDRESS
DATA
A0 A1 A2 A3
D0
D1
D2
D3
D4
D5
D6
D7
FRAME
1
00
0
0
SUPPLY OVERVOLTAGE/UNDERVOLTAGE
V3V3A_
UV
V3V3A_
OV
V3V3D_
UV
V3V3D_
OV
VB_IN_
UV
VB_IN_
OV 1
VB_IN_
OV 2
FRAME
2
00
1
0
SUPPLY OVERVOLTAGE/UNDERVOLTAGE
VB_STB
Y_UV(1)
GND_
DIG_
LOSS
VDDIO_
UV
VDD5_
UV
VDD5_
OV
VPRE_
UV
VPRE_
OV
FRAME
3
00
0
1
SUPPLY OVERVOLTAGE/UNDERVOLTAGE
WAKE_
UP_CAN
_DET_
AUTO
TRIM_
VALID
TRK_
STB[1]
TRK_
STB[2]
TRK_
STB[3]
TRK_
OVC[1]
TRK_
OVC[2]
TRK_
OVC [3]
FRAME
4
00
1
1
SUPPLY OVERVOLTAGE/UNDERVOLTAGE
EXT_
TRK_UV
INT_
TRK_
UV[1]
INT_
TRK_
UV[2]
INT
_TRK_
UV[3]
EXT_
TRK_OV
INT_
TRK_OV
[1]
INT_
TRK_O
V[2]
INT_
TRK_
OV[3]
source
FRAME[1]D[0:7] FRAME[2]D[1:7] FRAME[3]D[0:7] FRAME[4]D[0:7]
logic on VB_IN (main logic)
FRAME[2]D[0]
logic on VB_STBY (Wake Up Timer logic)
access
FRAME[3]D[1]
read
FRAME[1]D[0:7] FRAME[2]D[0:7] FRAME[3]D[0] FRAME[3]D[2:7] FRAME[4]D[0:7]
clear-on-read
1. Bit in satellite logic.
Clear on Read



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com