Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788 Datasheet(PDF) 252 Page - STMicroelectronics

Part # L9788
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788 Datasheet(HTML) 252 Page - STMicroelectronics

Back Button L9788 Datasheet HTML 248Page - STMicroelectronics L9788 Datasheet HTML 249Page - STMicroelectronics L9788 Datasheet HTML 250Page - STMicroelectronics L9788 Datasheet HTML 251Page - STMicroelectronics L9788 Datasheet HTML 252Page - STMicroelectronics L9788 Datasheet HTML 253Page - STMicroelectronics L9788 Datasheet HTML 254Page - STMicroelectronics L9788 Datasheet HTML 255Page - STMicroelectronics L9788 Datasheet HTML 256Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 252 / 264 page
background image
Device behavior
L9788
252/264
DS12308 Rev 4
Figure 108. Overcurrent not permanent battery OVC not permanent after VB present with
WK_IN/WAKE_UP_EOT/CAN detection - no retry
Figure 109. Overcurrent in permanent battery restart conditions during KEY or WK_IN or
WK_UP_EOT/CAN detection
Note:
In permanent battery when power on by KEY the MSC CMD can only restart driver after
OVC. The MSC CMD OFF has no effect.
GADG1612160817PS
t
SCENARIO 31 - MRD - Overcurrent not permanent battery
VPRE
Power On Reset
VB_IN
Internal OVC flag
FAULT
MRD out
PHOLD
WAKE_UP_CAN_DET
WAKE_UP_EOT_DET
WK_IN_DET
KEY_IN_DET
on
UV_VB_IN
V
UV_VB_CP_OFF
V
I_LS_ovc_flt
off
OVC
OVC permanent after VB present with WK_IN / WAKE_UP_EOT / CAN high – no retry
GADG1612160823PS
t
VPRE
Power On Reset
V3V3A/D
VB_IN
Internal OVC flag
FAULT
MRD out
MSC CMD (ON/OFF)
MSC READ
PHOLD
WAKE_UP_CAN_DET
WAKE_UP_EOT_DET
WK_IN_DET
KEY_IN
power on by KEY detection
power on by WK_IN detection
detection
power on by WAKE_UP_EOT / CAN
on
I_LS_ovc_flt
off
OVC
restart
I_LS_ovc_flt
OVC
on
off
restart
restart conditions during KEY or WK_IN or WAKE_UP_EOT / CAN detection
SCENARIO 19 - MRD overcurrent in permanent battery
on
I_LS_ovc_flt
OVC
off
restart



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com