Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788TR Datasheet(PDF) 64 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 64 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 60Page - STMicroelectronics L9788TR Datasheet HTML 61Page - STMicroelectronics L9788TR Datasheet HTML 62Page - STMicroelectronics L9788TR Datasheet HTML 63Page - STMicroelectronics L9788TR Datasheet HTML 64Page - STMicroelectronics L9788TR Datasheet HTML 65Page - STMicroelectronics L9788TR Datasheet HTML 66Page - STMicroelectronics L9788TR Datasheet HTML 67Page - STMicroelectronics L9788TR Datasheet HTML 68Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 264 page
background image
Multi-voltage regulator supplies
L9788
64/264
DS12308 Rev 4
Figure 24. Power supply block diagram with charge pump and MRD without pre-boost
6.1
Pre-boost regulator
The boost regulator will provide a higher voltage than battery to the buck regulator when
battery voltage is too low to maintain 5 V regulator out of reset conditions. Once the output
of the pre-boost is higher than VB_IN_th (typ 8.5 V), the pre-boost will stop working.
The boost is disabled at the beginning of the power down sequence. When Boost_EN
(CONFIG_REG 1 D5) = 0 the internal driver keeps OFF the external MOS.
The parameters of Pre-boost regulator can be guaranteed when Vbat goes down to 3.0 V
during cranking phase. The block diagram of the pre-boost is Figure 25.
Figure 25. Pre-boost block diagram
GADG2911161247PS
VB_IN_SW
Vpre
C_BST
BUCK_C_BST
VB_STBY
WK
VBAT
CP
VB_IN
Charge Pump
Vtrack 1/2/3
Track Regulator
Buck
U-chip power structure
5V
6V
WK_IN
KEY
Supply
Internal
Linear
5V Regulator
GADG2911161323PS
VBAT
Vpre
Inside chip
Boost_G
L_Boost
SW
D1_Boost
VB_IN
Output voltage sense
Rg_pd
Rg
Q1_Boost
PWM
AND
ADC buffer
VB_sense
Logic
Duty cycle control
Enable
Vth
Boost_En
stage
driver
Boost



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com