Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788TR Datasheet(PDF) 20 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 20 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 16Page - STMicroelectronics L9788TR Datasheet HTML 17Page - STMicroelectronics L9788TR Datasheet HTML 18Page - STMicroelectronics L9788TR Datasheet HTML 19Page - STMicroelectronics L9788TR Datasheet HTML 20Page - STMicroelectronics L9788TR Datasheet HTML 21Page - STMicroelectronics L9788TR Datasheet HTML 22Page - STMicroelectronics L9788TR Datasheet HTML 23Page - STMicroelectronics L9788TR Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 264 page
background image
Absolute maximum ratings
L9788
20/264
DS12308 Rev 4
2
Absolute maximum ratings
The component withstands all the following stimuli without any damage or latch-up.
Exceeding any of these values or sustaining it for extended periods may lead to
characteristics degradation or component damage.
All voltages are related to analog ground
Tj -40 to 175 °C unless otherwise specified.
Table 3. Absolute maximum ratings
Pin name
Parameter
Referred to
Constr.
Min
Max
Unit
Pin(1)
Direction
VB_IN
Chip supply
voltage
GND1
-
-0.3
+40
V
S
10 ms
(ISOpulse1)
VB_IN pin shorted
with VB_IN_SW
-2
-
V
S
VB_IN_SW
Buck supply
voltage
GND1
-
-0.3
+40
V
S
10 ms
(ISOpulse1)
-2
-
V
S
VBAT_Sense
Battery supply
voltage sense
GND1
-
-0.3
+40
V
S
VBAT_Sense
Input current
GND1
Protect from
Reverse battery
with 1k Ω resistor
-16
-
mA
S
VBAT_Sense
Input current
GND1
Protect from
ISOPULSE 1 with
1 kΩ resistor
-150
-
mA
S
VB_STBY
Standby function
supply voltage
for EOT
GND1
-
-16
+40
V
S
Boost_G
Boost LS gate
voltage
GND1
-
-0.3
+20
V
O
VPRE
Buck output
voltage
GND1
-
-0.3
+20
V
S
Buck_SW
Buck switching
pin
GND1
-
-0.3(2)
+40
V
S
Buck_C_BST
Bootstrap
capacitor pin
GND1
-
-0.3
+45
V
I
VDD5_GATE
5 V linear
regulator pre-
driver output
GND1
-
-0.3
+20
V
O
VDD5_IN
5 V regulator
feedback
voltage
GND1
-
-0.3
+20
V
S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com