Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788TR Datasheet(PDF) 42 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 42 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 38Page - STMicroelectronics L9788TR Datasheet HTML 39Page - STMicroelectronics L9788TR Datasheet HTML 40Page - STMicroelectronics L9788TR Datasheet HTML 41Page - STMicroelectronics L9788TR Datasheet HTML 42Page - STMicroelectronics L9788TR Datasheet HTML 43Page - STMicroelectronics L9788TR Datasheet HTML 44Page - STMicroelectronics L9788TR Datasheet HTML 45Page - STMicroelectronics L9788TR Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 264 page
background image
Operation behavior
L9788
42/264
DS12308 Rev 4
3.4
Smart reset circuit
There are two Reset pins:
1.
RSTN: reset pin linked to VDD5 supply;
2.
RSTC: reset pin linked to VDDIO supply.
3.4.1
Smart reset RSTN pin
The RSTN pin is an input/output active low. As output pin the Smart Reset circuit takes into
account several events in the device in order to generate the proper reset signal at RSTN
pin for the microcontroller and for portion of the internal logic as well.
The RSTN in output (RSTN(OUT) is activated by the contributions described by the reset
matrix and is intended as reset for the external microcontroller.
The RSTN in input (RSTN(IN)) is filtered Trst_flt_RST and stops the internal logic as
described in the reset matrix.
The internal RSTN(OUT) has higher priority respect to the external RSTN(IN). The
RSTN(IN) is masked until Tmsk_RSTN after RSTN(OUT) has been released.
RSTN(OUT) and RSTN(IN) are recombined on the pad according to the scheme.
Figure 14. Reset circuit
The RSTN activates on the contributions specified by the reset matrix:
Figure 15. Reset matrix
GADG2511160825PS
RSTN(OUT)
RSTN(IN)
RSTN pin
1
1
0
100μs
GADG2511161010PS
VDDIO
RSTC
LOGIC
VDDIO uv = 0 pull up connected
VDDIO uv = 1 pull up disconnected
VDDIO uv = 0 LS OFF
VDDIO uv = 1 LS ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com