Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788TR Datasheet(PDF) 70 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 70 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 66Page - STMicroelectronics L9788TR Datasheet HTML 67Page - STMicroelectronics L9788TR Datasheet HTML 68Page - STMicroelectronics L9788TR Datasheet HTML 69Page - STMicroelectronics L9788TR Datasheet HTML 70Page - STMicroelectronics L9788TR Datasheet HTML 71Page - STMicroelectronics L9788TR Datasheet HTML 72Page - STMicroelectronics L9788TR Datasheet HTML 73Page - STMicroelectronics L9788TR Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 264 page
background image
Multi-voltage regulator supplies
L9788
70/264
DS12308 Rev 4
ILIMVPRE
Current limit
-
2.4
-
3.5
A
VPRE
VPRE_coupling
VPRE capacitive
coupling during
battery transients
VB_IN_SW from 0 to
13 V in 100 µs,
C = 40 µF, L = 22 µH,
device off
Design info, not tested
-
-
3
V
VPRE
Vuv_vpre_h
VPRE under
voltage hysteresis
threshold high;
VPRE voltage at
Power up to allow
Boost activation
threshold
Test condition:
VB_IN_SW = 5.4 V
4.38
-
4.65
V
VPRE
Vuv_vpre_l
VPRE under
voltage hysteresis
threshold low
Test condition:
VB_IN_SW = 5.4 V
4.25
-
4.51
V
VPRE
Tuv_filter_vpre
VPRE under
voltage filter time (2)
10.1
12
13.3
us
VPRE
VPRE_slope
Slope control
VB_IN_SW = 13 V
5
-
30
V/ms
VPRE
Tmsd_VPRE_H
Thermal
shutdown_High
Comparator threshold
and functionality are
tested in production
185
-
200
°C
VPRE
Tmsd_VPRE_L
Thermal
shutdown_Low
Comparator threshold
and functionality are
tested in production
175
-
190
°C
VPRE
Tmsd_hyst
Thermal hysteresis
for shutdown
-
5
-
10
°C
VPRE
tmsd_pre_an
Thermal shutdown
analog filter time
-
1.5
-
4
us
VPRE
tmsd_pre_dig
Thermal shutdown
digital filter time
-
10
20
30
us
VPRE
VPRE_rpd
VPRE pulldown
resistor
To keep VPRE below
10 V with Buck switch
leakage in OFF state
0.2
-
1.05
MΩ
VPRE
Fsw_VPRE
Switching
frequency
Fosc from main 15 MHz
oscillator, typical
462.5 kHz
450
Fosc/32
500
kHz
BUCK_SW
DCVPRE(BUCK) Duty cycle range
-
3%
-
100%
-
BUCK_SW
Table 29. Pre-buck regulator output electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com