Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788TR Datasheet(PDF) 71 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 71 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 67Page - STMicroelectronics L9788TR Datasheet HTML 68Page - STMicroelectronics L9788TR Datasheet HTML 69Page - STMicroelectronics L9788TR Datasheet HTML 70Page - STMicroelectronics L9788TR Datasheet HTML 71Page - STMicroelectronics L9788TR Datasheet HTML 72Page - STMicroelectronics L9788TR Datasheet HTML 73Page - STMicroelectronics L9788TR Datasheet HTML 74Page - STMicroelectronics L9788TR Datasheet HTML 75Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 264 page
background image
DS12308 Rev 4
71/264
L9788
Multi-voltage regulator supplies
263
Note:
When 18 < VB_IN_SW< VOV_VB_IN_L, the function of Vpre is guaranteed and no reset
happens.
RVPRE
VPRE (Buck_POW
ER MOS) transistor
RDSON
-
-
-
200
mOhm BUCK_SW
TRVPRE
Rise Time (10-90%) BUCK_SLOW_SR=0
5
-
25
ns
BUCK_SW
TRVPRE_slow
Rise Time (10-90%) BUCK_SLOW_SR=1
10
-
30
ns
BUCK_SW
TFVPRE
Fall Time (10-90%) Iload = 1 A
5
-
27
ns
BUCK_SW
VPRE_SW_Ileak Leakage current
From 0 V to max pin
voltage
-
-
1
μA
BUCK_SW
1. Fault detection during power up sequence is masked until RSTN release to avoid false triggering at ramp-up phase.
2. No VDD5 UV/OV violation is expected during specified transient.
Table 29. Pre-buck regulator output electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
Table 30. Pre-buck regulator external components electrical characteristics (Vpre application
information)
Symbol
Parameter
Note
Min
Typ
Max
Unit
Pin
CVPRE
External
capacitor on
Vbuck supply
Min 2*10 µF Ceramic X7R 16 V in
parallel
CER,X7R,10 µF, 10%,16 V,1206,
Sn
15
40
150
µF
VPRE
LVPRE
Switching
regulator external
inductor
-15
22
29
µH
VPRE
CBST
Bootstrap
capacitor
Ceramic X7R 16V
47nF, 10%, 16 V, X7R, 0603,
TINNED, CER CAP/
-
47
-
nF
BUCK_C_BST
DVBUCK_CTRL
Switching
regulator external
diode (Schottky
or ultrafast)
Schottky Diode STPS5L60-Y
-
-
-
-
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com