Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788TR Datasheet(PDF) 90 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 90 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 86Page - STMicroelectronics L9788TR Datasheet HTML 87Page - STMicroelectronics L9788TR Datasheet HTML 88Page - STMicroelectronics L9788TR Datasheet HTML 89Page - STMicroelectronics L9788TR Datasheet HTML 90Page - STMicroelectronics L9788TR Datasheet HTML 91Page - STMicroelectronics L9788TR Datasheet HTML 92Page - STMicroelectronics L9788TR Datasheet HTML 93Page - STMicroelectronics L9788TR Datasheet HTML 94Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 264 page
background image
Low-side drivers
L9788
90/264
DS12308 Rev 4
tmsd_pre_an
Thermal shutdown
analog filter time
Guaranteed by design
1.5
-
4
µs
INJ1/2/3/4
t_SD_deglitch
Digital deglitch
filter time on
Temperature shut
down detection
Guaranteed by scan
-
10
-
µs
INJ1/2/3/4
Driver Reliability Data
EnergyRep INJ
Energy repetitive
pulse
Tcase = 30 °C;
I_OUT_n = 1.8 A,
18 Miopulses
-
-
7.5
mJ
INJ1/2/3/4
EnergyRep INJ
Energy repetitive
pulse
Tcase= 115 °C; 
I_OUT_n = 1.4 A
648 Miopulses
-
-
4
mJ
INJ1/2/3/4
EnergyRep INJ
Energy repetitive
pulse
Tcase= 130 °C;
I_OUT_n = 1 A
96 Miopulses
-
-
3
mJ
INJ1/2/3/4
EnergyRep INJ
Energy repetitive
pulse
Tcase= 140 °C;
I_OUT_n = 1 A
4 Miopulses
-
-
3
mJ
INJ1/2/3/4
Driver Reliability Data Generator Defect
EnergyRep INJ
Energy repetitive
pulse
Tcase= 25 °C ;
I_OUT_n = 2 A
0.5 Miopulses
-
-
9
mJ
INJ1/2/3/4
[EnergyRep INJ
Energy repetitive
pulse
Tcase= 135 °C;
I_OUT_n = 1.5 A
0.5 Miopulses
-
-
8
mJ
INJ1/2/3/4
Driver Reliability Data jump start
EnergyRep INJ
Energy repetitive
pulse
Tcase= 25 °C;
I_OT_n = 3.0 A
MAX.0.021Mio cycles
10 jumps starts over
liftime, each start < 2min
-
-
17.5
mJ
INJ1/2/3/4
EnergyRep INJ
Energy repetitive
pulse
Tc=75°C ; I_OT_n=2.3A
MAX.0.021Mio cycles
10jumps starts over
liftime,each start<2min
-
-
10
mJ
INJ1/2/3/4
OFF state diagnostic
VLVT
Short to GND
threshold voltage
Driver tristate, diag
enabled
1.9
-
VOUTOPEN
-180 mV
V
INJ1/2/3/4
V_OL
Open load
threshold voltage
Driver tristate, diag
enabled
VOUTOPEN
+160 mV
-
3
V
INJ1/2/3/4
VOUTOPEN
Open load
threshold voltage
Driver tristate, diag
enabled
2.3
2.5
2.7
V
INJ1/2/3/4
Table 44. Low-side driver - INJECTOR electrical characteristics (continued)
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com