Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788TR Datasheet(PDF) 77 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 77 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 73Page - STMicroelectronics L9788TR Datasheet HTML 74Page - STMicroelectronics L9788TR Datasheet HTML 75Page - STMicroelectronics L9788TR Datasheet HTML 76Page - STMicroelectronics L9788TR Datasheet HTML 77Page - STMicroelectronics L9788TR Datasheet HTML 78Page - STMicroelectronics L9788TR Datasheet HTML 79Page - STMicroelectronics L9788TR Datasheet HTML 80Page - STMicroelectronics L9788TR Datasheet HTML 81Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 264 page
background image
DS12308 Rev 4
77/264
L9788
Multi-voltage regulator supplies
263
6.6
VDD_IO
VDD_IO pin is the external supply pin for internal I/O circuit.
-
Rgate_source
-
-
1
-
MΩ
-
-
Rgate_source
-
-
1
-
MΩ
--
gfs
Forward
Transconductanc
e
VDS = 25 V, ID = 10 A
4.5
-
-
S
-
VGS(th)
Gate Threshold
Voltage
VDS = VGS, ID =
250 μA
2.0
-
4.0
V
-
Ciss
input capacitance
of external FET
-
-
370
1020
pF
VDD5_GATE
Table 35. Linear controller pre-driver. External components characteristics (continued)
Symbol
Parameter
Note
Min
Typ
Max
Unit
Pin
Table 36. VDD_IO electrical characteristics
Symbol
Parameter
Test condition
Min
Typ
Max
Unit
Pin
IVDD_IO
Input current of
VDD_IO
VB=14V, all VDD_IO
related pin without load
24.8
8
mA
VDD_IO
VVDD_IO
Operation range -
3.1
-
5.5
V
VDD_IO
VDDIO_UV_LOW
Under voltage
threshold on pin
VDDIO
-2.9
3.0
3.1
V
VDD_IO
Tf_VDD_IO_UV
Under voltage
filter time(1)
Tested by scan
3
-
10
µs
VDD_IO
1. Fault detection during power up sequence is masked until RSTN release to avoid false triggering at ramp-up phase.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com