Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

L9788TR Datasheet(PDF) 110 Page - STMicroelectronics

Part # L9788TR
Description  Multifunction IC for automotive engine management system
PDF  264 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9788TR Datasheet(HTML) 110 Page - STMicroelectronics

Back Button L9788TR Datasheet HTML 106Page - STMicroelectronics L9788TR Datasheet HTML 107Page - STMicroelectronics L9788TR Datasheet HTML 108Page - STMicroelectronics L9788TR Datasheet HTML 109Page - STMicroelectronics L9788TR Datasheet HTML 110Page - STMicroelectronics L9788TR Datasheet HTML 111Page - STMicroelectronics L9788TR Datasheet HTML 112Page - STMicroelectronics L9788TR Datasheet HTML 113Page - STMicroelectronics L9788TR Datasheet HTML 114Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 264 page
background image
High/low-side drivers - STARTER STR[1:3]
L9788
110/264
DS12308 Rev 4
Figure 42. OFF state diagnostic HS config
Figure 43. High-side driver OFF state fast pull down current behavior
By default diagnostic pull up/down currents are disabled and comparator outputs are
masked by internal logic, to enable OFF state diagnostic the channel must be put first in
tristate condition and then (if not already done with previous MSC frames) diagnostic must
be enabled. Once the desired channel is put in tristate a false diagnostic can be sensed due
to the time needed to discharge output voltage through the load.
A Filter Time (Diag Filter Time) is implemented in order to avoid detecting false diagnosis as
shown in Figure 44.
GADG0512160753PS
Normal function
Open Load
Short toVB
VOUTOPEN
VOUTOPEN max
VOUTOPENmin
1.9V
V_OUTx
(high-side)
3V
VHVTmin
V-OL_THmax
Open Load
GADG0512160803PS
I_diag
I_HS_PD1+I_HS_PD2
I_HS_PD2
Tflt_diagoff1
t
Voutx
Tflt_diagoff1
t
VHVT
I_diag
I_HS_PD1+I_HS_PD2
I_HS_PD2
Tflt_diagoff1
t
Voutx
Tflt_diagoff1
t
VHVT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com