Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6180 Datasheet(PDF) 69 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 69 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 65Page - STMicroelectronics VL6180 Datasheet HTML 66Page - STMicroelectronics VL6180 Datasheet HTML 67Page - STMicroelectronics VL6180 Datasheet HTML 68Page - STMicroelectronics VL6180 Datasheet HTML 69Page - STMicroelectronics VL6180 Datasheet HTML 70Page - STMicroelectronics VL6180 Datasheet HTML 71Page - STMicroelectronics VL6180 Datasheet HTML 72Page - STMicroelectronics VL6180 Datasheet HTML 73Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 69 / 73 page
background image
DocID024986 Rev 14
69/73
VL6180
Ordering information
69
9.4
Storage
The VL6180 is a MSL 3 package.
After this limit, dry bake to be done; 6 hours at 85oC.
9.5
ROHS Compliance
The VL6180 is Ecopack2 compliant as per ST definition.
Devices which are ROHS compliant even with use of ROHS exemption(s) and free of
Halogenated flame retardant are named ECOPACK2 devices with the following definition:
ROHS compliant even with use of ROHS exemption(s)
500 ppm maximum of Antimony as oxide or organic compound in each organic
assembly material (glue, substrate, mod compounds, housing...). Antimony in ceramic
parts, in glass and in solder alloy is not restricted.
900 ppm maximum Bromine + Chlorine in each organic assembly material (glue,
substrate, mold compounds, housing...)
These values are referring to maximum total content not to extractable ions content.
Purchasing specification of assembly materials can impose lower values for technical
reasons.
ECOPACK2 devices are of course fully compliant to ST banned and declarable substances
specification and for example cannot contain red Phosphorus flame retardant.
Table 27. Storage conditions
Level
Floor Life (out of bag) at Factory
Ambient <30oC/60% RH
31 Week



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com