Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6180 Datasheet(PDF) 37 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 33Page - STMicroelectronics VL6180 Datasheet HTML 34Page - STMicroelectronics VL6180 Datasheet HTML 35Page - STMicroelectronics VL6180 Datasheet HTML 36Page - STMicroelectronics VL6180 Datasheet HTML 37Page - STMicroelectronics VL6180 Datasheet HTML 38Page - STMicroelectronics VL6180 Datasheet HTML 39Page - STMicroelectronics VL6180 Datasheet HTML 40Page - STMicroelectronics VL6180 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 73 page
background image
DocID024986 Rev 14
37/73
VL6180
Electrical characteristics
69
5
Electrical characteristics
5.1
Absolute maximum ratings
Note:
Stresses above those listed in Table 19. may cause permanent damage to the device. This
is a stress rating only and functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device
reliability.
5.2
Normal operating conditions
Table 19. Absolute maximum ratings
Parameter
Min.
Typ.
Max.
Unit
AVDD
-0.5
-
3.6
V
AVDD_VCSEL
-0.5
-
3.6
V
SCL, SDA, GPIO0 and GPIO1
-0.5
-
3.6
V
VESD (Electrostatic discharge model)
Human body model(1)
Charge device model(2)
1. HBM tests are performed in compliance with ESDA/JEDEC JS-001-2010 (ex: JESD22-A114)
MM test is performed in compliance with JESD22-A115.
2. CDM ESD tests are performed in compliance with JESD22-C101.
-2
-500
2
500
KV
V
Temperature (storage - manufacturing
test)
-40
-
+85
°C
Table 20. Normal operating conditions
Parameter
Min.
Typ.
Max.
Unit
Voltage (AVDD and AVDD_VCSEL)
Voltage (optimum operating)
2.7
2.8
2.9
V
Voltage (functional operating)
2.6
2.8
3.0
V
Temperature
Temperature (optimum operating)
-10
+60
°C
Temperature (functional operating)
-20
-
+70
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com