Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6180 Datasheet(PDF) 12 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 8Page - STMicroelectronics VL6180 Datasheet HTML 9Page - STMicroelectronics VL6180 Datasheet HTML 10Page - STMicroelectronics VL6180 Datasheet HTML 11Page - STMicroelectronics VL6180 Datasheet HTML 12Page - STMicroelectronics VL6180 Datasheet HTML 13Page - STMicroelectronics VL6180 Datasheet HTML 14Page - STMicroelectronics VL6180 Datasheet HTML 15Page - STMicroelectronics VL6180 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 73 page
background image
Functional description
VL6180
12/73
DocID024986 Rev 14
2
Functional description
It is assumed in the rest of the document that the host application is controlling the VL6180
device through it’s C API.
For a more detailed explanation of the API functions please refer to the documentation that
is supplied with the API.
The API is available on request from ST.
2.1
Ranging
The VL6180 uses a simple pipe architecture to achieve range measurement.
Figure 6. Ranging pipe architecture
2.2
System state diagram
Figure 7 describes the main operating states of the VL6180. Hardware standby is the reset
state (GPIO0=0)(a). The device is held in reset until GPIO0 is de-asserted. Note that the
device will not respond to I2C communication in this mode. When GPIO0=1, the device
enters software standby after the internal MCU boot sequence has completed.
a. Use of GPIO0 is optional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com