Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6180 Datasheet(PDF) 34 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 34 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 30Page - STMicroelectronics VL6180 Datasheet HTML 31Page - STMicroelectronics VL6180 Datasheet HTML 32Page - STMicroelectronics VL6180 Datasheet HTML 33Page - STMicroelectronics VL6180 Datasheet HTML 34Page - STMicroelectronics VL6180 Datasheet HTML 35Page - STMicroelectronics VL6180 Datasheet HTML 36Page - STMicroelectronics VL6180 Datasheet HTML 37Page - STMicroelectronics VL6180 Datasheet HTML 38Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 73 page
background image
I2C control interface
VL6180
34/73
DocID024986 Rev 14
4
I2C control interface
The VL6180 is controlled over an I2C interface. The default I2C address is 0x29 (7-bit). This
section describes the I2C protocol.
Figure 22. Serial interface data transfer protocol
Information is packed in 8-bit packets (bytes) always followed by an acknowledge bit, As for
sensor acknowledge and Am for master acknowledge. The internal data is produced by
sampling SDA at a rising edge of SCL. The external data must be stable during the high
period of SCL. The exceptions to this are start (S) or stop (P) conditions when SDA falls or
rises respectively, while SCL is high.
A message contains a series of bytes preceded by a start condition and followed by either a
stop or repeated start (another start condition but without a preceding stop condition)
followed by another message. The first byte contains the device address (0x52) and also
specifies the data direction. If the least significant bit is low (0x52) the message is a master
write to the slave. If the lsb is set (0x53) then the message is a master read from the slave.
Figure 23. I2C device address
All serial interface communications with the sensor must begin with a start condition. The
sensor acknowledges the receipt of a valid address by driving the SDA wire low. The state
of the read/write bit (lsb of the address byte) is stored and the next byte of data, sampled
from SDA, can be interpreted. During a write sequence the second and third bytes received
provide a 16-bit index which points to one of the internal 8-bit registers.
Figure 24. Single location, single write
12
7
8
As/Am
Start condition
Stop condition
SDA
SCL
Acknowledge
P
S
3
4
56
Address or data byte
MSB
LSB
MSBit
LSBit
01
01
00
1
R/W
Sensor acknowledges
Acknowledge from sensor
S
As
ADDRESS[7:0]
As
INDEX[15:8]
INDEX[7:0]
As
DATA[7:0]
As P
0x52 (write)
Start
Stop
valid address



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com