Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6180 Datasheet(PDF) 25 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 21Page - STMicroelectronics VL6180 Datasheet HTML 22Page - STMicroelectronics VL6180 Datasheet HTML 23Page - STMicroelectronics VL6180 Datasheet HTML 24Page - STMicroelectronics VL6180 Datasheet HTML 25Page - STMicroelectronics VL6180 Datasheet HTML 26Page - STMicroelectronics VL6180 Datasheet HTML 27Page - STMicroelectronics VL6180 Datasheet HTML 28Page - STMicroelectronics VL6180 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 73 page
background image
DocID024986 Rev 14
25/73
VL6180
Functional description
69
Note:
With a scaling factor of 2/3. the reported range minimum resolution also increases to
2/3mm.
VL6180x_UpscaleSetScaling() is a single API function which allows the user to change the
scaling factor of the device. VL6180x_UpscaleGetScaling() can be used to read the
scaling factor.
Scaling factor = 1 = proximity ranging (up to ~20 cm)
Scaling factor = 1 = proximity ranging (up to ~40 cm)
Scaling factor = 3 = extended ranging (up to ~60 cm)
2.13
Maximum ranging distance (Dmax)
A target placed in front of the VL6180 device may not be detected because it is too far away
for the given ambient light conditions.
When ambient light level increases, max detection range (Dmax) decreases
When no target is detected (no valid distance), the VL6180 API is able to estimate Dmax as
the maximum distance up to which a 17% target would have been detected with the current
ambient light level.
When no target is detected by the VL6180, the application can interpret the Dmax value as
no target is detected and there is no 17% (or above) target between 0 and Dmax mm.
DMAX is enabled/disabled by VL6180x_DMaxSetState() and read with
VL6180x_DMaxGetState().
Note:
Dmax is estimated for a 17% reflectance target. If the real target has a lower reflectance,
then the Dmax calculated by the API could be overestimated.
2.14
Current consumption
Table 10. gives an overview of current consumption in different operating states.
2.14.1
Ranging current consumption
Figure 16 shows typical ranging current consumption of the VL6180. Current consumption
depends on target distance, target reflectance and sampling rate. The example shown here
is based on default settings and a sampling rate of 10 Hz. The average current consumption
for a 17% reflective target at 50 mm operating at 10 Hz is 1.7 mA. At different sampling rates
the current consumption scales accordingly i.e. the average current consumption at 1 Hz
under the same conditions would be 0.17 mA.
Table 10. Typical current consumption in different operating states
Mode
Current
Conditions
Hardware standby
< 1
A
Shutdown (GPIO0 = 0). No I2C comms
Software standby
< 1
A
After MCU boot. Device ready
Ranging
1.7 mA
Average consumption during ranging(1)
1. 10 Hz sampling rate, 17% reflective target at 50 mm.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com