Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6180 Datasheet(PDF) 20 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 16Page - STMicroelectronics VL6180 Datasheet HTML 17Page - STMicroelectronics VL6180 Datasheet HTML 18Page - STMicroelectronics VL6180 Datasheet HTML 19Page - STMicroelectronics VL6180 Datasheet HTML 20Page - STMicroelectronics VL6180 Datasheet HTML 21Page - STMicroelectronics VL6180 Datasheet HTML 22Page - STMicroelectronics VL6180 Datasheet HTML 23Page - STMicroelectronics VL6180 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 73 page
background image
Functional description
VL6180
20/73
DocID024986 Rev 14
Figure 13. Total range execution time
2.7
Range error codes
Before using a measurement returned with a range API function, the application must first
check that the function call has succeeded (returned 0) and then check the
Range.errorStatus for possible error codes.
Table 8 gives a summary of the error codes. Calling VL6180x_RangeGetStatusErrString()
will also return the error code/description.
Table 7. Typical range convergence time (ms)
Range (mm)
Target reflectance
3%
5%
17%
88%
10
0.43
0.33
0.18
0.18
20
0.94
0.73
0.28
0.18
30
1.89
1.40
0.51
0.18
40
3.07
2.25
0.81
0.18
50
4.35
3.24
1.18
0.24
60
5.70
4.22
1.60
0.32
70
7.07
5.35
2.07
0.49
80
8.41
6.45
2.58
0.50
90
9.58
7.56
3.14
0.61
100
10.73
8.65
3.69
0.73
Table 8. Range error codes
Bits [7:4]
Error code
Description
0
No error
Valid measurement
1-5
System error
System error detected (can only happen on
power on). No measurement possible.
6
Early convergence estimate
ECE check failed
7
Max convergence
System did not converge before the specified
max. convergence time limit
8
Range ignore
Ignore threshold check failed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com