Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VL6180 Datasheet(PDF) 14 Page - STMicroelectronics

Part # VL6180
Description  Proximity sensing module
PDF  73 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VL6180 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button VL6180 Datasheet HTML 10Page - STMicroelectronics VL6180 Datasheet HTML 11Page - STMicroelectronics VL6180 Datasheet HTML 12Page - STMicroelectronics VL6180 Datasheet HTML 13Page - STMicroelectronics VL6180 Datasheet HTML 14Page - STMicroelectronics VL6180 Datasheet HTML 15Page - STMicroelectronics VL6180 Datasheet HTML 16Page - STMicroelectronics VL6180 Datasheet HTML 17Page - STMicroelectronics VL6180 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 73 page
background image
Functional description
VL6180
14/73
DocID024986 Rev 14
2.3
Timing diagram
Figure 8 and Table 4.show the VL6180 power-up timing constraints.
AVDD_VCSEL must be applied before or at the same time as AVDD.
GPIO0 defaults to an active low shutdown input. When GPIO0 = 0, the device is in
hardware standby. If GPIO0 is not used it should be connected to AVDD.
The internal microprocessor (MCU) boot sequence commences when AVDD is up and
GPIO0 is high whichever is the later.
GPIO1 power-up default is output low. It is tri-stated during the MCU boot sequence.
Note:
In hardware standby, GPIO1 is output low and will sink current through any pull-up resistor.
This leakage can be minimized by increasing the value of the pull-up resistor.
After the MCU boot sequence the device enters software standby. Host initialization
can commence immediately after entering software standby.
Figure 8. Power-up timing
Table 4. Power-up timing constraints
Symbol
Parameter
Min
Max
Unit
t1
AVDD_VCSEL power applied after AVDD
-
0
ms
t2
Minimum reset on GPIO0
100
-
ns
t3
GPIO1 output low after hardware standby
-
400
s
t4
MCU boot
-
1
ms
t5
Software standby to host initialization
-
0
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com