Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STA1275 Datasheet(PDF) 107 Page - STMicroelectronics

Part # STA1275
Description  Accordo5 - Automotive infotainment processors for display audio and cluster applications
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA1275 Datasheet(HTML) 107 Page - STMicroelectronics

Back Button STA1275 Datasheet HTML 101Page - STMicroelectronics STA1275 Datasheet HTML 102Page - STMicroelectronics STA1275 Datasheet HTML 103Page - STMicroelectronics STA1275 Datasheet HTML 104Page - STMicroelectronics STA1275 Datasheet HTML 105Page - STMicroelectronics STA1275 Datasheet HTML 106Page - STMicroelectronics STA1275 Datasheet HTML 107Page - STMicroelectronics STA1275 Datasheet HTML 108Page - STMicroelectronics STA1275 Datasheet HTML 109Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 107 / 109 page
background image
DS12586 Rev 5
107/109
STA1295, STA1275
Revision history
108
7
Revision history
Table 76. Document revision history
Date
Revision
Changes
07-June-2018
1
Initial release.
20-Sep-2018
2
Minor format updates in Section : Features
Added Chapter 4: Electrical characteristics
Removed STA1295 from title of Chapter 5: Package
information
09-May-2019
3
Added STA1275 in the whole document.
Section : Features
:
– Updated package picture.
– Core and infrastructure: updated 1st bullet.
– Operating conditions: added Junction temperature
range.
Chapter 1: Description
– Updated 1st bullet.
– Figure 1: Accordo5 block diagram: renamed this title.
Chapter 2: System description
Section 2.1: Application processor
: updated.
Section 2.2.2: DDR controller
: updated.
– Figure 2: Accordo5 sound subsystem application
example
: updated figure and title.
Chapter 4: Electrical characteristics
Section 4.3: Absolute maximum ratings
– Table 30: Absolute maximum ratings: updated Min.
and Max. columns.
Section 4.5: Thermal characteristics
:
– Replaced sentence ‘The number ... for power” by
“Table 35 ... junction temperature.
– Deleted from “Cases 3 and 4” to “worst corner”.
– Deleted Table 35: Current consumption (mA).
– Added Table 35: Accordo5 - STA1295 - current
consumption
.
Chapter 6: Ordering information
:
– Table 75: Order codes description: updated table and
added footnotes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com