Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43131 Datasheet(PDF) 128 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 128 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 124Page - Cirrus Logic CS43131 Datasheet HTML 125Page - Cirrus Logic CS43131 Datasheet HTML 126Page - Cirrus Logic CS43131 Datasheet HTML 127Page - Cirrus Logic CS43131 Datasheet HTML 128Page - Cirrus Logic CS43131 Datasheet HTML 129Page - Cirrus Logic CS43131 Datasheet HTML 130Page - Cirrus Logic CS43131 Datasheet HTML 131Page - Cirrus Logic CS43131 Datasheet HTML 132Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 156 page
background image
128
DS1155F1
CS43131
7.5 Headphone and PCM Registers
7.5.2
PCM Filter Option
Address 0x90000
R/W
76543210
FILTER_
SLOW_FASTB
PHCOMP_
LOWLATB
NOS
—
PCM_WBF_EN HIGH_PASS
DEEMP_ON
Default
00000010
Bits
Name
Description
7FILTER_
SLOW_
FASTB
Fast and slow filter selection.
0 (Default) Fast filter is selected.
1 Slow filter is selected.
6
PHCOMP_
LOWLATB
Low-latency and phase-compensated filter selection
0 (Default) Low-latency is selected.
1 Phase-compensated filter is selected.
5
NOS
Nonoversampling emulation mode on. When enabled, FILTER_SLOW_FASTB and PHCOMP_LOWLATB are ignored.
0 (Default) NOS emulation mode is off.
1 NOS emulation mode is on.
4:3
—
Reserved
2PCM_WBF_
EN
Wideband flatness mode enable. This should only be used in PCM playback when xSP sample rate is at 192 kHz. This
bit must be changed while PDN_HP is set.
0 (Default) Wideband flatness mode disabled
1 Wideband flatness mode enabled
1
HIGH_PASS High-pass filter enable.
0 High-pass filter is disabled.
1 (Default) High-pass filter is selected.
0
DEEMP_ON Deemphasis filter on.
0 (Default) Deemphasis for 44.1 kHz is disabled.
1 Deemphasis for 44.1 kHz is enabled.
7.5.3
PCM Volume B
Address 0x90001
R/W
76543210
PCM_VOLUME_B
Default
01111000
Bits
Name
Description
7:0
PCM_
VOLUME_B
Digital volume control registers for PCM channel B. It allows independent control of the signal level in 1/2 dB increments
from 0 to –127.5 dB. Volume settings are decoded as shown below. The volume changes are dictated by the PCM_SZC
bits. The same rule applies to PCM_VOLUME_A setting.
0000 0000 0 dB
0000 0001 –0.5 dB
...
01111000 –60 dB (Default)
...
1111 1110 –127 dB
1111 1111 Digital mute
7.5.4
PCM Volume A
Address 0x90002
R/W
76543210
PCM_VOLUME_A
Default
01111000
Bits
Name
Description
7:0
PCM_
VOLUME_A
Digital volume control registers for channel A. See PCM_VOLUME_B for description.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com