Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43131 Datasheet(PDF) 132 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 132 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 128Page - Cirrus Logic CS43131 Datasheet HTML 129Page - Cirrus Logic CS43131 Datasheet HTML 130Page - Cirrus Logic CS43131 Datasheet HTML 131Page - Cirrus Logic CS43131 Datasheet HTML 132Page - Cirrus Logic CS43131 Datasheet HTML 133Page - Cirrus Logic CS43131 Datasheet HTML 134Page - Cirrus Logic CS43131 Datasheet HTML 135Page - Cirrus Logic CS43131 Datasheet HTML 136Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 156 page
background image
132
DS1155F1
CS43131
7.5 Headphone and PCM Registers
5
HPDETECT_
UNPLUG_
DBC
HPDETECT unplug debounce status. Setting HPDETECT_INV reverses the meaning of this bit.
0 (Default) Condition is not present
1 Condition is present
4:0
—
Reserved
7.5.13 HP Load 1
Address 0xE0000
R/W
76543210
HPLOAD_EN
—
HPLOAD_
CHN_SEL
—
HPLOAD_AC_
START
HPLOAD_DC_
START
Default
00000000
Bits
Name
Description
7
HPLOAD_EN HP load enable.
0 (Default) Function disabled
1 Function enabled
6:5
—
Reserved
4HPLOAD_
CHN_SEL
Select channel to perform HP load measurement.
0 (Default) HPOUTA
1HPOUTB
3:2
—
Reserved
1
HPLOAD_AC_
START
HP load AC measurement trigger. A change from 0 to 1 initiates the measurement process. After the measurement
completes, this bit must be manually changed back to 0 before initiating another process.
(Default) HPLOAD_AC_START = 0
0HPLOAD_
DC_START
HP load DC measurement trigger. A change from 0 to 1 initiates the measurement process. After measurement
complete, this bit must be manually changed back to 0 before initiating another process.
(Default) HPLOAD_DC_START = 0
7.5.14 HP Load Measurement 1
Address 0xE0003
R/W
76543210
HPLOAD_MEAS_FREQ_LSB
Default
00000000
Bits
Name
Description
7:0
HPLOAD_
MEAS_
FREQ_LSB
LSB of HP load measurement frequency selection for AC detect (5.86 Hz/lsb when MCLK_INT = 24.576 MHz. 5.94 Hz/
lsb when MCLK_INT = 22.5792 MHz). Frequency range is 20 Hz to 20 kHz.
Default: 0000 0000
7.5.15 HP Load Measurement 2
Address 0xE0004
R/W
76543210
HPLOAD_MEAS_FREQ_MSB
Default
00000000
Bits
Name
Description
7:0
HPLOAD_
MEAS_
FREQ_MSB
MSB of HP load measurement frequency selection for AC detect (5.86 Hz/lsb when MCLK_INT = 24.576 MHz. 5.94 Hz/
lsb when MCLK_INT = 22.5792 MHz). Frequency range is 20 Hz to 20 kHz.
Default: 0000 0000
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com