Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43131 Datasheet(PDF) 133 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 133 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 129Page - Cirrus Logic CS43131 Datasheet HTML 130Page - Cirrus Logic CS43131 Datasheet HTML 131Page - Cirrus Logic CS43131 Datasheet HTML 132Page - Cirrus Logic CS43131 Datasheet HTML 133Page - Cirrus Logic CS43131 Datasheet HTML 134Page - Cirrus Logic CS43131 Datasheet HTML 135Page - Cirrus Logic CS43131 Datasheet HTML 136Page - Cirrus Logic CS43131 Datasheet HTML 137Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 156 page
background image
DS1155F1
133
CS43131
7.5 Headphone and PCM Registers
7.5.16 HP DC Load Status 0
Address 0xE000D
R/O
76543210
RL_DC_STAT_0
Default
00000000
Bits
Name
Description
7:0
RL_DC_
STAT_0
Byte 0 of HP DC load measured in
.RL_DC_STAT_1[7:0] and RL_DC_STAT_0[7:3] represent integer portion of
impedance value.
RL_DC_STAT_0[2:0] represent fractional portion, with fractional weighting as follows:
[2]: 0.5
[1]: 0.25
[0]: 0.125
Default: 0000000
7.5.17 HP DC Load Status 1
Address 0xE000E
R/O
76543210
RL_DC_STAT_1
Default
00000000
Bits
Name
Description
7:0
RL_DC_
STAT_1
Byte 1 of HP DC load measured in
.Refer to RL_DC_STAT_0 for details of measurement interpretation.
Default: 0000000
7.5.18 HP AC Load Status 0
Address 0xE0010
R/O
76543210
RL_AC_STAT_0
Default
00000000
Bits
Name
Description
7:0
RL_AC_
STAT_0
Byte 0 of HP AC load measured in
.
RL_AC_STAT_1[7:0] and RL_AC_STAT_0[7:3] represent integer portion of impedance value.
RL_AC_STAT_0[2:0] represent fractional portion, with fractional weighting as follows:
[2]: 0.5
[1]: 0.25
[0]: 0.125
Default: 0000000
7.5.19 HP AC Load Status 1
Address 0xE0011
R/O
76543210
RL_AC_STAT_1
Default
00000000
Bits
Name
Description
7:0
RL_AC_
STAT_1
Byte 1 of HP AC load measured in
.Refer to RL_AC_STAT_0 for details of measurement interpretation.
Default: 0000000
7.5.20 HP Load Status
Address 0xE001A
R/O
76543210
HPLOAD_DC_
ONCE
HPLOAD_
BUSY
—
HPLOAD_AC_
DONE
HPLOAD_AC_
BUSY
HPLOAD_DC_
DONE
HPLOAD_DC_
BUSY
Default
00000000
Bits
Name
Description
7HPLOAD_
DC_ONCE
Status of HP load DC measurement been performed at least once.
0 Condition is not present
1 Condition is present
6HPLOAD_
BUSY
Status of HP load measurement block state machine.
0 State machine is not busy
1 State machine is busy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com