Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43131 Datasheet(PDF) 135 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 135 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 131Page - Cirrus Logic CS43131 Datasheet HTML 132Page - Cirrus Logic CS43131 Datasheet HTML 133Page - Cirrus Logic CS43131 Datasheet HTML 134Page - Cirrus Logic CS43131 Datasheet HTML 135Page - Cirrus Logic CS43131 Datasheet HTML 136Page - Cirrus Logic CS43131 Datasheet HTML 137Page - Cirrus Logic CS43131 Datasheet HTML 138Page - Cirrus Logic CS43131 Datasheet HTML 139Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 156 page
background image
DS1155F1
135
CS43131
7.6 Interrupt Status and Mask Registers
6ASP_
ERROR_INT
ASP RX LRCK error. Logical OR of LRCK early and LRCK late errors.
0 Condition is not present
1 Condition is present
5
ASP_LATE_
INT
ASP RX LRCK late.
0 Condition is not present
1 Condition is present
4
ASP_EARLY_
INT
ASP RX LRCK early.
0 Condition is not present
1 Condition is present
3ASP_
NOLRCK_INT
ASP RX no LRCK.
0 Condition is not present
1 Condition is present
2:0
—
Reserved
7.6.3
Interrupt Status 3
Address 0xF0002
R/O
76543210
XSP_OVFL_
INT
XSP_ERROR_
INT
XSP_LATE_
INT
XSP_EARLY_
INT
XSP_
NOLRCK_INT
—
Default
00000000
Bits
Name
Description
7
XSP_OVFL_
INT
XSP RX request overload.
0 Condition is not present
1 Condition is present
6XSP_
ERROR_INT
XSP RX LRCK error. Logical OR of LRCK early and LRCK late errors.
0 Condition is not present
1 Condition is present
5
XSP_LATE_
INT
XSP RX LRCK late.
0 Condition is not present
1 Condition is present
4
XSP_EARLY_
INT
XSP RX LRCK early.
0 Condition is not present
1 Condition is present
3XSP_
NOLRCK_INT
XSP RX no LRCK.
0 Condition is not present
1 Condition is present
2:0
—
Reserved
7.6.4
Interrupt Status 4
Address 0xF0003
R/O
76543210
HPLOAD_NO_
DC_INT
HPLOAD_
UNPLUG_INT
HPLOAD_
HPON_INT
HPLOAD_
OOR_INT
HPLOAD_AC_
DONE_INT
HPLOAD_DC_
DONE_INT
HPLOAD_
OFF_INT
HPLOAD_ON_
INT
Default
00000000
Bits
Name
Description
7HPLOAD_
NO_DC_INT
HP load error condition: AC load detection is performed without DC load detection done first.
0 Condition is not present
1 Condition is present
6HPLOAD_
UNPLUG_INT
HP load error condition: Unplug event happened during load detection process.
0 Condition is not present
1 Condition is present
5HPLOAD_
HPON_INT
HP load error condition: HPLOAD_EN is set before PDN_HP is set and PDN_DONE_INT event is received.
0 Condition is not present
1 Condition is present
4HPLOAD_
OOR_INT
HP load error condition: HPLOAD out of range result is measured.
0 Condition is not present
1 Condition is present
Bits
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com