Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CS43131 Datasheet(PDF) 130 Page - Cirrus Logic

Part # CS43131
Description  130-dB, 32-Bit High-Performance DAC with Integrated Headphone Driver and Impedance Detection
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43131 Datasheet(HTML) 130 Page - Cirrus Logic

Back Button CS43131 Datasheet HTML 126Page - Cirrus Logic CS43131 Datasheet HTML 127Page - Cirrus Logic CS43131 Datasheet HTML 128Page - Cirrus Logic CS43131 Datasheet HTML 129Page - Cirrus Logic CS43131 Datasheet HTML 130Page - Cirrus Logic CS43131 Datasheet HTML 131Page - Cirrus Logic CS43131 Datasheet HTML 132Page - Cirrus Logic CS43131 Datasheet HTML 133Page - Cirrus Logic CS43131 Datasheet HTML 134Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 130 / 156 page
background image
130
DS1155F1
CS43131
7.5 Headphone and PCM Registers
7.5.7
Programmable Filter Control 1
Address 0x9 000A
R/W
76543210
SOS1_CTRL
SOS2_CTRL
FOS_CTRL
SOS3_ON
—
Default
00000000
Bits
Name
Description
7:6
SOS1_CTRL SOS1 filter control.
00 SOS1 filter disabled.
01 Reserved.
10 Reserved.
11 SOS1 filter enabled.
5:4
SOS2_CTRL SOS2 filter control.
00 SOS2 filter disabled.
01 Reserved.
10 Reserved.
11 SOS2 filter enabled.
3:2
FOS_CTRL
FOS filter control.
00 FOS filter disabled.
01 Reserved.
10 Reserved.
11 FOS filter enabled.
1
SOS3_ON
SOS3 filter enable.
0 (default) SOS3 filter is disabled.
1 SOS3 filter is enabled.
0—
Reserved
7.5.8
Programmable Filter Control 2
Address 0x9 000B
R/W
76543210
—
SOS1_
COEFF_CP
SOS2_
COEFF_CP
FOS_COEFF_
CP
—
Default
00000000
Bits
Name
Description
7:4
—
Reserved
3SOS1_
COEFF_CP
Enable SOS1 coefficients from the control port. When the filter is not in use, this bit must be cleared to 0.
0 (default) SOS1 coefficients from the control port are not effective.
1 SOS1 coefficients from the control port are effective.
2SOS2_
COEFF_CP
Enable SOS2 coefficients from the control port. When the filter is not in use, this bit must be cleared to 0.
0 (default) SOS2 coefficients from the control port are not effective.
1 SOS2 coefficients from the control port are effective.
1
FOS_COEFF_
CP
Enable FOS coefficients from the control port. When the filter is not in use, this bit must be cleared to 0.
0 (default) FOS coefficients from the control port are not effective.
1 FOS coefficients from the control port are effective.
0—
Reserved
7.5.9
Programmable Filter Coefficients
Address 0x9000C–0x90041
R/W
76543210
xOSx_COEFF_xx_LSBYTE
xOSx_COEFF_xx_MSBYTE
—
xOSx_COEFF_
xx_SIGN
Default
See Quick Reference
Bits
Name
Description
7:0
See Quick
Reference
Refer to Section 4.14 for details. Format is Q1.17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com