| Electronic Components Datasheet Search |
|
CS47L35 Datasheet(PDF) 209 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Datasheet(HTML) 209 Page - Cirrus Logic |
|
209 / 300 page ![]() DS1085F3 209 CS47L35 4.17 Control Interface The control interface also supports other register operations; the interface protocol for these operations is shown in Fig. 4-70 through Fig. 4-73. The terminology used in the following figures is detailed in Table 4-101. Note that 16-bit data words are shown in these illustrations. The equivalent protocol is also applicable to 32-bit words, with 4 data bytes transmitted (or received) instead of 2. Fig. 4-70 shows a single register write to a specified address. Figure 4-70. Single-Register Write to Specified Address Fig. 4-71 shows a single register read from a specified address. Figure 4-71. Single-Register Read from Specified Address Fig. 4-72 shows a multiple register write to a specified address. Figure 4-72. Multiple-Register Write to Specified Address Table 4-101. Control Interface (I2C) Terminology Terminology Description S Start condition Sr Repeated start A Acknowledge (SDA low) A Not acknowledge (SDA high) P Stop condition R/W Read/not write 0 = Write; 1 = Read [White field] Data flow from bus master to CS47L35 [Gray field] Data flow from CS47L35 to bus master Device ID S A Address Byte [3] (0) A 8-Bit Device ID 8 bits Address Byte [2] A 8 bits Address Byte [1] A 8 bits A 8 bits MSByte Data A LSByte Data A P 8 bits 8 bits Address Byte [0] (Most Significant Byte) (Least Significant Byte ) R/W Device ID S A (0) Device ID Sr A P MSByte Data (1) LSByte Data A A Address Byte [3] A A Address Byte [2] Address Byte [1] A A Address Byte [0] (Most Significant Byte) (Least Significant Byte ) R/W R/W Device ID S A Address Byte [3] (0) A MSByte Data 0 A LSByte Data 0 A Written to Register Address A MSByte Data N A LSByte Data N A P Written to Register Address + N A MSByte Data N-1 A LSByte Data N-1 Written to Register Address + N - 1 Address Byte [2] A Address Byte [1] A Address Byte [0] A MSByte Data 1 A LSByte Data 1 A Written to Register Address + 1 R/W |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |