| Electronic Components Datasheet Search |
|
CS47L35 Datasheet(PDF) 212 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Datasheet(HTML) 212 Page - Cirrus Logic |
|
212 / 300 page ![]() 212 DS1085F3 CS47L35 4.18 Control-Write Sequencer 4.18.2 Automatic Sample-Rate Detection Sequences The CS47L35 supports automatic sample-rate detection on the digital audio interfaces (AIF1–AIF3) when operating in AIF Slave Mode. Automatic sample-rate detection is enabled by setting RATE_EST_ENA—see Table 4-93. R75 (0x004B) Spare_Sequence_ Select_1 8:0 WSEQ_TRG1_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG1 trigger. Valid from 0 to 251 (0x0FB). R76 (0x004C) Spare_Sequence_ Select_2 8:0 WSEQ_TRG2_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG2 trigger. Valid from 0 to 251 (0x0FB). R77 (0x004D) Spare_Sequence_ Select_3 8:0 WSEQ_TRG3_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG3 trigger. Valid from 0 to 251 (0x0FB). R78 (0x004E) Spare_Sequence_ Select_4 8:0 WSEQ_TRG4_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG4 trigger. Valid from 0 to 251 (0x0FB). R79 (0x004F) Spare_Sequence_ Select_5 8:0 WSEQ_TRG5_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG5 trigger. Valid from 0 to 251 (0x0FB). R80 (0x0050) Spare_Sequence_ Select_6 8:0 WSEQ_TRG6_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG6 trigger. Valid from 0 to 251 (0x0FB). R89 (0x0059) Spare_Sequence_ Select_7 8:0 WSEQ_TRG7_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG7 trigger. Valid from 0 to 251 (0x0FB). R90 (0x005A) Spare_Sequence_ Select_8 8:0 WSEQ_TRG8_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG8 trigger. Valid from 0 to 251 (0x0FB). R91 (0x005B) Spare_Sequence_ Select_9 8:0 WSEQ_TRG9_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG9 trigger. Valid from 0 to 251 (0x0FB). R92 (0x005C) Spare_Sequence_ Select_10 8:0 WSEQ_ TRG10_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG10 trigger. Valid from 0 to 251 (0x0FB). R93 (0x005D) Spare_Sequence_ Select_11 8:0 WSEQ_ TRG11_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG11 trigger. Valid from 0 to 251 (0x0FB). R94 (0x005E) Spare_Sequence_ Select_12 8:0 WSEQ_ TRG12_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG12 trigger. Valid from 0 to 251 (0x0FB). R104 (0x0068) Spare_Sequence_ Select_13 8:0 WSEQ_ TRG13_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG13 trigger. Valid from 0 to 251 (0x0FB). R105 (0x0069) Spare_Sequence_ Select_14 8:0 WSEQ_ TRG14_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG14 trigger. Valid from 0 to 251 (0x0FB). R106 (0x006A) Spare_Sequence_ Select_15 8:0 WSEQ_ TRG15_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG15 trigger. Valid from 0 to 251 (0x0FB). R107 (0x006B) Spare_Sequence_ Select_16 8:0 WSEQ_ TRG16_ INDEX[8:0] 0x1FF Write Sequence trigger 1 start index. Contains the index location in the sequencer memory of the first command in the sequence associated with the WSEQ_TRG16 trigger. Valid from 0 to 251 (0x0FB). Table 4-102. Write Sequencer Control—Initiating a Sequence (Cont.) Register Address Bit Label Default Description |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |