| Electronic Components Datasheet Search |
|
CS47L35 Datasheet(PDF) 215 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS47L35 Datasheet(HTML) 215 Page - Cirrus Logic |
|
215 / 300 page ![]() DS1085F3 215 CS47L35 4.18 Control-Write Sequencer Note that a sequencer start index of 0x1FF causes the respective sequence to be aborted. The event logger control sequences are undefined following power-on reset, a hardware reset, or a Sleep Mode transition. The event logger control sequences must be reconfigured by the host processor following any of these events. Note that all control sequences are maintained in the sequencer memory through software reset. See Section 4.5.2 for further details of the event loggers. 4.18.6 Boot Sequence The CS47L35 executes a boot sequence following power-on reset, hardware reset, software reset, or wake-up from Sleep Mode. The boot sequence configures the CS47L35 with factory-set trim (calibration) data. See Section 4.22 and Section 4.23 for further details. The start index location of the boot sequence is 224 (0x0E0). See Table 4-111 for details of the write sequencer memory allocation. The boot sequence can be commanded at any time by writing 1 to the WSEQ_BOOT_START bit. 4.18.7 Sequencer Status Indication The status of the write sequencer can be read using WSEQ_BUSY and WSEQ_CURRENT_INDEX, as described in Table 4-108. When the WSEQ_BUSY bit is asserted, this indicates that the write sequencer is busy. The index address of the most recent write sequencer command can be read from the WSEQ_CURRENT_INDEX field. This can be used to provide a precise indication of the write sequencer progress. Table 4-106. Write Sequencer Control—Event Loggers Register Address Bit Label Default Description R120 (0x0078) Eventlog_ Sequence_ Select_1 8:0 WSEQ_ EVENTLOG1_ INDEX[8:0] 0x1FF Event Log 1 Write Sequence start index. Contains the index location in the sequencer memory of the first command in the sequence associated with Event Log 1 FIFO Not-Empty detection. Valid from 0 to 251 (0x0FB). R121 (0x0079) Eventlog_ Sequence_ Select_2 8:0 WSEQ_ EVENTLOG2_ INDEX[8:0] 0x1FF Event Log 2 Write Sequence start index. Contains the index location in the sequencer memory of the first command in the sequence associated with Event Log 2 FIFO Not-Empty detection. Valid from 0 to 251 (0x0FB). R122 (0x007A) Eventlog_ Sequence_ Select_3 8:0 WSEQ_ EVENTLOG3_ INDEX[8:0] 0x1FF Event Log 3 Write Sequence start index. Contains the index location in the sequencer memory of the first command in the sequence associated with Event Log 3 FIFO Not-Empty detection. Valid from 0 to 251 (0x0FB). R123 (0x007B) Eventlog_ Sequence_ Select_4 8:0 WSEQ_ EVENTLOG4_ INDEX[8:0] 0x1FF Event Log 4 Write Sequence start index. Contains the index location in the sequencer memory of the first command in the sequence associated with Event Log 4 FIFO Not-Empty detection. Valid from 0 to 251 (0x0FB). Table 4-107. Write Sequencer Control—Boot Sequence Register Address Bit Label Default Description R24 (0x0018) Write_Sequencer_ Ctrl_2 1 WSEQ_BOOT_ START 0 Writing 1 to this bit starts the write sequencer at the index location configured for the Boot Sequence. The Boot Sequence start index is 224 (0x0E0). Table 4-108. Write Sequencer Control—Status Indication Register Address Bit Label Default Description R23 (0x0017) Write_Sequencer_ Ctrl_1 9 WSEQ_BUSY (read only) 0 Sequencer Busy flag (Read Only). 0 = Sequencer idle 1 = Sequencer busy 8:0 WSEQ_CURRENT_ INDEX[8:0] (read only) 0x000 Sequence Current Index. This indicates the memory location of the most recently accessed command in the write sequencer memory. Coding is the same as WSEQ_START_INDEX. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |